Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2DP818
Description  1:8 Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2DP818_12 Datasheet HTML 1Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 2Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 3Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 4Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 5Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 6Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 7Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 8Page - Cypress Semiconductor CY2DP818_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY2DP818
Document Number: 38-07061 Rev. *D
Page 3 of 13
Pin Configuration
Figure 1. 38-pin TSSOP pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
GND
VDD
Q1A
Q1B
Q2A
Q2B
Q3A
Q3B
Q4B
Q5A
Q5B
Q6A
Q6B
Q7A
Q7B
Q8A
Q8B
GND
Q4A
GND
VDD
GND
GND
VDD
InConfig
INPUT A
INPUT B
GND
GND
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
Pin Description
Pin
Number
Pin Name
Type
Description
1, 9, 12, 18,
19, 20, 38
GND
POWER
Ground
2, 3, 4, 5, 6,
8, 13, 14,
15, 16, 17,
29
VDD
POWER
Power Supply
10, 11
Input A,
Input B
Default: LVPECL/LDVS
Optional: LVTTL/LVCMOS single pin
Clock Input. Either differential LVPECL/LVDS or single-ended
LVTTL/LVCMOS, as determined by InConfig. See Table 1 and
Table 2 for details.
37, 36, 35,
34, 33, 32,
31, 30, 28,
27, 26, 25,
24, 23, 22,
21
Q1(A,B),
Q2(A,B),
Q3(A,B),
Q4(A,B),
Q5(A,B),
Q6(A,B),
Q7(A,B),
Q8(A,B)
LVPECL
Differential Output Clocks
7
InConfig
LVTTL/LVCMOS
Control Input. Selects input type: either differential
LVPECL/LVDS or single-ended LVTTL/LVCMOS. See Table 1
and Table 2 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com