Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4029BN Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL4029BN
Description  Presettable Up/Down Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4029BN Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL4029BN Datasheet HTML 1Page - System Logic Semiconductor SL4029BN Datasheet HTML 2Page - System Logic Semiconductor SL4029BN Datasheet HTML 3Page - System Logic Semiconductor SL4029BN Datasheet HTML 4Page - System Logic Semiconductor SL4029BN Datasheet HTML 5Page - System Logic Semiconductor SL4029BN Datasheet HTML 6Page - System Logic Semiconductor SL4029BN Datasheet HTML 7Page - System Logic Semiconductor SL4029BN Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SL4029B
System Logic
Semiconductor
SLS
Presettable Up/Down Counter
High-Voltage Silicon-Gate CMOS
The SL4029B consists of a four-stage binary or BCD-decade
up/down counter with provisions for look-ahead carry in both counting
modes.
The
inputs
consists
of
a
single
CLOCK,
CARRY IN,(CLOCK ENABLE),
BINARY/DECADE,
UP/DOWN,
PRESET ENABLE, and four individual JAM signals. Q1, Q2, Q3, Q4 and
a CARRY OUT signal are provided as outputs.
A high PRESET ENABLE signal allows information on the JAM
INPUTS to preset the counter to any state asynchronously with the
clock. A low on each JAM line, when the PRESET-ENABLE signal is
high, resets the counter to its zero count. The counter is advanced one
count at the positive transition of the clock when the CARRY IN and
PRESET ENABLE signals are low. Advancement is inhibited when the
CARRY IN or PRESET ENABLE signals are high. The CARRY OUT
signal is normally high and goes low when the counter reaches its
maximum count in the UP mode or the minimum count in the DOWN
mode provided the CARRY IN signal is low. The CARRY IN signal
in the low state can thus be considered a CLOCK ENABLE. The
CARRY IN terminal must be connected to GND when not in use.
Binary counting is accomplished when the BINARY/DECADE
input is high; the counter counts in the decade mode when the
BINARY/DECADE input is low. The counter counts up when the
UP/DOWN input is high, and down when the UP/DOWN input is
low.
Parallel clocking provides synchronous control and hence faster
response from all counting outputs. Ripple-clocking allows for
longer clock input rise and fall times.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
LOGIC DIAGRAM
ORDERING INFORMATION
SL4029BN Plastic
SL4029BDW SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
PIN 16=VCC
PIN 8= GND


Similar Part No. - SL4029BN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BD SLS-SL4020BD Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BN SLS-SL4020BN Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4023B SLS-SL4023B Datasheet
30Kb / 4P
Triple 3-Input NAND Gate
SL4023BD SLS-SL4023BD Datasheet
30Kb / 4P
Triple 3-Input NAND Gate
More results

Similar Description - SL4029BN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL4516B SLS-SL4516B Datasheet
66Kb / 6P
Presettable Up/Down Counter
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
STMicroelectronics
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
PRESETTABLE BINARY UP/DOWN COUNTER
Sep-2002
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com