Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8024_V3 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS8024_V3
Description  Smart Card Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024_V3 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS8024_V3 Datasheet HTML 7Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 8Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 9Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 10Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 11Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 12Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 13Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 14Page - Maxim Integrated Products DS8024_V3 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Smart Card Interface
13
DS8024
MAXQ1103
100nF
100nF
+3.3V
+3.3V
+3.3V
100k
Ω**
100k
Ω**
33pF
100nF*
220nF*
*PLACE A 100nF CAPACITOR CLOSE TO DS8024 AND PLACE A 220nF CAPACITOR CLOSE TO CARD CONTACT.
**SCHEMATIC ASSUMES A NORMALLY CLOSED CONNECTION TO GROUND IN THE SOCKET. INSERTING A CARD BREAKS THE CONNECTION AND PULLS PRES HIGH.
100nF
33pF
CLKDIV1
CLKDIV2
5V/3V
OFF
RSTIN
CMDVCC
AUX2IN
AUX1IN
I/OIN
PRES
GPIO
...
...
...
...
GPIO
ISOIO0
GPIO
...
...
...
GPIO
ISOIO1
VCC
RST
CLK
I/O
AUX1
AUX2
CGND
XTAL1
XTAL2
VUP
GND
VDD CP1
CP2
+10
μF
PGND
VDDA
100nF
100nF*
220nF*
VDD
DS8024
100nF
100nF
+3.3V
33pF
100nF
33pF
I/OIN
AUX1IN
AUX2IN
CMDVCC
RSTIN
OFF
5V/3V
CLKDIV2
CLKDIV1
PRES
CGND
AUX2
AUX1
I/O
CLK
RST
VCC
XTAL1
XTAL2
VUP
GND
VDD CP1
CP2
+10
μF
PGND
VDDA
100nF
VDD
Figure 8. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com