Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4053BD Datasheet(PDF) 5 Page - System Logic Semiconductor

Part # SL4053BD
Description  Analog Multiplexer Demultiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4053BD Datasheet(HTML) 5 Page - System Logic Semiconductor

  SL4053BD Datasheet HTML 1Page - System Logic Semiconductor SL4053BD Datasheet HTML 2Page - System Logic Semiconductor SL4053BD Datasheet HTML 3Page - System Logic Semiconductor SL4053BD Datasheet HTML 4Page - System Logic Semiconductor SL4053BD Datasheet HTML 5Page - System Logic Semiconductor SL4053BD Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SL4053B
System Logic
Semiconductor
SLS
ADDITIONAL APPLICATION CHARACTERISTICS
VCC
VIS
Limit
*
Symbol
Parameter
Test Conditions
V
V
25
°C
Unit
BW
Maximum On-
Channel
Bandwidth or
Minimum
Frequency
Response (-3db)
VEE=GND
RL=1k
Ω
20 log(VOS/VIS)=-3db
VOS at Common OUT/IN
10
5
*
30
MHz
VOS at Any Channel
10
5
*
60
(-40db)
Feedthrough
Frequency (All
Channels OFF)
VEE=GND
RL=1k
Ω
20 log(VOS/VIS)=-40db
VOS at Common OUT/IN
10
5
*
8
VOS at Any Channel
10
5
*
8
(-40db)
Signal Crosstalk
Frequency
VEE=GND
RL=1k
Ω
20 log(VOS/VIS)=-40db
Between any 2 Sections :
In Pin 2, Out Pin 14
In Pin 15, Out Pin 14
2.5
6
THD
Total Harmonic
Distortion
VEE=GND
fIS=1kHz sine wave
5
10
15
2*
3*
5*
0.3
0.2
012
%
-
Address-or
Enable to Signal
Crosstalk
VEE=GND
RL=10k
Ω**
tr,tf=20ns
Square Wave
10
-
65
mv
(peak)
* Peak-to-peak voltage symmetrical about (VDD-VEE)/2
**Both ends of channel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com