Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29948ACT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY29948ACT
Description  2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948ACT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY29948ACT Datasheet HTML 2Page - Cypress Semiconductor CY29948ACT Datasheet HTML 3Page - Cypress Semiconductor CY29948ACT Datasheet HTML 4Page - Cypress Semiconductor CY29948ACT Datasheet HTML 5Page - Cypress Semiconductor CY29948ACT Datasheet HTML 6Page - Cypress Semiconductor CY29948ACT Datasheet HTML 7Page - Cypress Semiconductor CY29948ACT Datasheet HTML 8Page - Cypress Semiconductor CY29948ACT Datasheet HTML 9Page - Cypress Semiconductor CY29948ACT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY29948
Document Number: 38-07288 Rev. *E
Page 9 of 10
Document Revision History
Document Title: CY29948, 2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
Document Number: 38-07288
Rev.
ECN No.
Submission
Date
Orig. of
Change Description of Change
**
111099
02/13/02
BRK
New datasheet
*A
116782
08/14/02
HWT
Added Commercial Temperature Range
*B
122880
12/22/02
RBI
Added power up requirements to Maximum Ratings
*C
428221
See ECN
RGL
Added Lead-free devices
*D
2904731
04/05/10
CXQ
Removed inactive part numbers - CY29948AI and CY29948AIT. Updated
package diagram.
*E
3246222
05/02/2011
CXQ
Added Ordering Code Definitions.
Added Acronyms and Units of Measure.
Updated in new template.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com