Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4093B Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL4093B
Description  Quad 2-Input NAND Schmitt Triggers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4093B Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL4093B Datasheet HTML 1Page - System Logic Semiconductor SL4093B Datasheet HTML 2Page - System Logic Semiconductor SL4093B Datasheet HTML 3Page - System Logic Semiconductor SL4093B Datasheet HTML 4Page - System Logic Semiconductor SL4093B Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SL4093B
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VT+min
Minimum Positive-
Going Input
Threshold Voltage
Input on terminals A or B;
other inputs to VCC
5.0
10
15
2.2
4.6
6.8
2.2
4.6
6.8
2.2
4.6
6.8
V
Input on terminals A and B;
other inputs to VCC
5.0
10
15
2.6
5.6
6.3
2.6
5.6
6.3
2.6
5.6
6.3
VT+max
Maximum Positive-
Going Input
Threshold Voltage
Input on terminals A or B;
other inputs to VCC
5.0
10
15
3.6
7.1
10.8
3.6
7.1
10.8
3.6
7.1
10.8
V
Input on terminals A and B;
other inputs to VCC
5.0
10
15
4
8.2
12.7
4
8.2
12.7
4
8.2
12.7
VT-min
Minimum Negative-
Going Input
Threshold Voltage
Input on terminals A or B;
other inputs to VCC
5.0
10
15
0.9
2.5
4
0.9
2.5
4
0.9
2.5
4
V
Input on terminals A and B;
other inputs to VCC
5.0
10
15
1.4
3.4
4.8
1.4
3.4
4.8
1.4
3.4
4.8
VT-max
Maximum Negative-
Going Input
Threshold Voltage
Input on terminals A or B;
other inputs to VCC
5.0
10
15
2.8
5.2
7.4
2.8
5.2
7.4
2.8
5.2
7.4
V
Input on terminals A and B;
other inputs to VCC
5.0
10
15
3.2
6.6
9.6
3.2
6.6
9.6
3.2
6.6
9.6
VHmin
Note
Minimum Hysteresis
Voltage
Input on terminals A or B;
other inputs to VCC
5.0
10
15
0.3
1.2
1.6
0.3
1.2
1.6
0.3
1.2
1.6
V
Input on terminals A and B;
other inputs to VCC
5.0
10
15
0.3
1.2
1.6
0.3
1.2
1.6
0.3
1.2
1.6
VHmax
Note
Maximum Hysteresis
Voltage
Input on terminals A or B;
other inputs to VCC
5.0
10
15
1.6
3.4
5
1.6
3.4
5
1.6
3.4
5
V
Input on terminals A and B;
other inputs to VCC
5.0
10
15
1.6
3.4
5
1.6
3.4
5
1.6
3.4
5
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com