Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4516B Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4516B
Description  Presettable Up/Down Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4516B Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4516B Datasheet HTML 1Page - System Logic Semiconductor SL4516B Datasheet HTML 2Page - System Logic Semiconductor SL4516B Datasheet HTML 3Page - System Logic Semiconductor SL4516B Datasheet HTML 4Page - System Logic Semiconductor SL4516B Datasheet HTML 5Page - System Logic Semiconductor SL4516B Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SL4516B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPHL, tPLH
Maximum Propagation Delay, Clock to Q (Figure
1)
5.0
10
15
400
200
150
400
200
150
800
400
300
ns
tPHL, tPLH
Maximum Propagation Delay, Preset or Reset to
Q (Figure 1)
5.0
10
15
420
210
160
420
210
160
840
420
320
ns
tPHL, tPLH
Maximum Propagation Delay, Clock to Carry Out
(Figure 1)
5.0
10
15
480
240
180
480
240
180
960
480
360
ns
tPHL, tPLH
Maximum Propagation Delay, Carry In to Carry
Out (Figure 1)
5.0
10
15
250
120
100
250
120
100
500
240
200
ns
tPHL, tPLH
Maximum Propagation Delay, Preset or Reset to
Carry Out (Figure 1)
5.0
10
15
640
320
250
640
320
250
1280
640
500
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tsu
Minimum Setup Time, P to Preset Enable
(Figure 1)
5.0
10
15
25
10
10
25
10
10
50
20
20
ns
tsu
Minimum Setup Time, Up/Down to Clock
(Figure 1)
5.0
10
15
ns
tsu
Minimum Setup Time, Carry In to Clock
(Figure 1)
5.0
10
15
ns
th
Minimum Hold Time, Clock to Carry In (Figure 1)
5.0
10
15
60
30
30
60
30
30
120
60
60
ns
th
Minimum Hold Time, Clock to Up/Down (Figure
1)
5.0
10
15
30
30
30
30
30
30
60
60
60
ns
th
Minimum Hold Time, Preset enable to P (Figure
1)
5.0
10
15
70
40
40
70
40
40
140
80
80
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com