Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS30KMH-2 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FS30KMH-2
Description  HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS30KMH-2 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FS30KMH-2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS30KMH-2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS30KMH-2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS30KMH-2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
MITSUBISHI Nch POWER MOSFET
FS30KMH-2
HIGH-SPEED SWITCHING USE
V
µA
mA
V
m
Ω
m
Ω
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
100
—
—
0.6
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0.9
66
69
0.99
31
2000
230
120
33
135
170
170
1.0
—
95
—
±0.1
0.1
1.2
93
97
1.40
—
—
—
—
—
—
—
—
1.5
5.00
—
ELECTRICAL CHARACTERISTICS (Tch = 25
°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
ID = 1mA, VGS = 0V
VGS =
±10V, VDS = 0V
VDS = 100V, VGS = 0V
ID = 1mA, VDS = 10V
ID = 15A, VGS = 4V
ID = 15A, VGS = 2.5V
ID = 15A, VGS = 4V
ID = 15A, VDS = 10V
VDS = 10V, VGS = 0V, f = 1MHz
VDD = 50V, ID = 15A, VGS = 4V, RGEN = RGS = 50
Ω
IS = 15A, VGS = 0V
Channel to case
IS = 30A, dis/dt = –100A/
µs
PERFORMANCE CURVES
0
10
20
30
40
50
0
200
50
100
150
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
100
3
5
7
101
2
3
5
7
102
2
3
5
7
100
35 7
2
101
35 7
2
102
35 7
2
3
23
tw = 10
ms
TC = 25°C
Single Pulse
100
ms
10ms
1ms
DC
0
4
8
12
16
20
0
0.4
0.8
1.2
1.6
2.0
TC = 25°C
Pulse Test
PD = 25W
2V
1.5V
2.5V
4V
3V
VGS = 5V
0
10
20
30
40
50
0
1.0
2.0
3.0
4.0
5.0
PD = 25W
VGS = 5V
TC = 25°C
Pulse Test
2.5V
1.5V
3V
2V
4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com