Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL494N Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL494N
Description  PWM Control Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL494N Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL494N Datasheet HTML 1Page - System Logic Semiconductor SL494N Datasheet HTML 2Page - System Logic Semiconductor SL494N Datasheet HTML 3Page - System Logic Semiconductor SL494N Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL494
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
41
V
VI
Amplifier Input Voltage
VCC +0.3
V
VO
Collector Output Voltage
41
V
Collector Output Current
250
mA
Tstg
Storage Temperature
-65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
7
40
V
VI
Amplifier Input Voltage
-0.3
VCC - 2
V
VO
Collector Output Voltage
40
V
Collector Output Current (Each Transistor)
200
mA
Current Into Feed back Terminal
0.3
mA
CT
Timing Capacitor
0.47
10.000
nF
RT
Timing Resistor
1.8
500
K
Ω
Oscillator Frequency
1
300
KHz
TA
Operating Free-Air Temperature
-20
+85
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com