Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

864075 Datasheet(PDF) 39 Page - Intel Corporation

Part # 864075
Description  8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

864075 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 864075 Datasheet HTML 35Page - Intel Corporation 864075 Datasheet HTML 36Page - Intel Corporation 864075 Datasheet HTML 37Page - Intel Corporation 864075 Datasheet HTML 38Page - Intel Corporation 864075 Datasheet HTML 39Page - Intel Corporation 864075 Datasheet HTML 40Page - Intel Corporation 864075 Datasheet HTML 41Page - Intel Corporation 864075 Datasheet HTML 42Page - Intel Corporation 864075 Datasheet HTML 43Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
PRELIMINARY
35
8XC196NU COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
6.2.6
AC CHARACTERISTICS — SERIAL PORT, SYNCHRONOUS MODE 0
Figure 13. Serial Port Waveform — Synchronous Mode 0
Table 17. Serial Port Timing — Synchronous Mode 0
Symbol
Parameter
Min
Max
Units
T
XLXL
Serial Port Clock period
SP_BAUD
≥ x002H
SP_BAUD
= x001H (Note 1)
6t
4t
ns
ns
T
XLXH
Serial Port Clock falling edge to rising edge
SP_BAUD
≥ x002H
SP_BAUD
= x001H (Note 1)
4t – 27
2t – 27
4t + 27
2t + 27
ns
ns
T
QVXH
Output data setup to clock high
4t – 30
ns
T
XHQX
Output data hold after clock high
2t – 30
ns
T
XHQV
Next output data valid after clock high
2t + 30
ns
T
DVXH
Input data setup to clock high
2t + 30
ns
T
XHDX
Input data hold after clock high
0
ns
T
XHQZ
Last clock high to output float
t + 30
ns
NOTE:
1.
The minimum baud-rate (SP_BAUD) register value for receive is
x002H and the minimum baud-rate
(SP_BAUD) register value for transmit is
x001H.
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
RXD
(In)
(Out)
TXD
01
2
3
4
5
6
7
TQVXH
TXLXL
TDVXH
TXHQV
TXHQZ
TXHDX
TXHQX
TXLXH
A2080-02
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com