Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL7101D Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL7101D
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL7101D Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL7101D Datasheet HTML 1Page - System Logic Semiconductor SL7101D Datasheet HTML 2Page - System Logic Semiconductor SL7101D Datasheet HTML 3Page - System Logic Semiconductor SL7101D Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL7101
System Logic
Semiconductor
SLS
Recomended Operating Condition: TA=-30°C to 80°C
PARAMETER
SYMBOL
MIN.
TYP.
MAX
UNIT
Supply Voltage
V
+
12
V
Vs-GND Capacitor
Cvs
1
µF
OS-GND Capacitor
Cos
1
µF
Electrical Characteristics
PARAMETER
SYMBOL
CONDTIONS
TEMP.
(°C)
MIN.
TYP.
MAX.
UNIT
-30
-
-
580
25
300
400
530
Supply Current 1
lS1
V
+=12V,
VR - VI = 30 mV
85
-
-
480
µA
* Trip Voltage
VT
V
+ = 16V,
VR - VI = X
-30
85
9
13.5
18
mV
(rms)
Differential
Amplifier
Output Current 1
ITD1
V
+ = 16 V,
VR - VI = 30 mV
VOD = 1.2 V
25
-12
-20
-30
µA
Differential
Amplifier Output
current 2
ITD2
V
+ = 16 V,
VR - VI = short
VOD = 0.8 V
25
17
27
37
µA
lSI = 580
µA
-30
-200
-
lSI = 530
µA
25
-100
-
Output Current
IO
VSC = 1.4 V
VOS = 0.8 V
lSI = 480
µA
85
-75
-
µA
SC ON Voltage
VSC ON
V
+ = 16 V
25
0.7
1.0
1.4
V
SC Input Current
ISC ON
V
+ = l2V
25
-
-
5
µA
Output "L" Current
IOSL
V
+ = 12 V,
VOSL = 0.2 V
-30
85
200
800
1400
µA
Input Clamp
Voltage
VIC
V
+ = 12 V,
IIC = 20 mA
-30
85
4.3
-
6.7
V
Differential Input
Clamp Voltaqe
VIDC
IIDC = 100mA
-30
85
0.4
1.2
2
V
Max. Current
Voltage
VSM
ISM = 7 mA
25
20
24
28
V
Supply Current 2
IS2
VOS = 0.5 V,
VR - VI = X
-30
85
-
-
1200
µA
Latch Circuit Off
Supply Votaqe
V+ OFF
25
0.5
V
Response Time
TON
V
+ = 16 V,
VR - VI = 0.3 V
25
1
3
4
ms
* A: 9 ~12.5
B: 11.5~15.5
C: 14.5~18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com