Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7GP-CB Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7GP-CB
Description  Total Counter/Time Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7GP-CB Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7GP-CB Datasheet HTML 1Page - Omron Electronics LLC H7GP-CB Datasheet HTML 2Page - Omron Electronics LLC H7GP-CB Datasheet HTML 3Page - Omron Electronics LLC H7GP-CB Datasheet HTML 4Page - Omron Electronics LLC H7GP-CB Datasheet HTML 5Page - Omron Electronics LLC H7GP-CB Datasheet HTML 6Page - Omron Electronics LLC H7GP-CB Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
H7GP
2
Specifications
■ Ratings
Note: 1. Contains 20% ripple (p-p) max.
2. Only a non-voltage input (NPN transistor) is possible for the key protection input. The key protection input will be a non-voltage input even
if the NPN/PNP input mode is set to PNP. Key protection is used to prohibit operating the Reset Key. The reset input terminals will still be
functional.
Item
6-digit total counter
6-digit time counter
H7GP-C
H7GP-CD
H7GP-T
H7GP-TD
Rated supply voltage
100 to 240 VAC (50/60 Hz) 12 to 24 VDC (see note 1)
100 to 240 VAC (50/60 Hz) 12 to 24 VDC (see note 1)
External power supply
50 mA at 12 VDC
---
50 mA at 12 VDC
---
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
100 to 240 VAC: 6.5 VA max.
12 to 24 VDC:
0.6 W max.
Dimensions
48 x 24 x 80 mm (W x H x D)
Mounting method
Flush mounting
External connections
Screw terminals
Degree of protection
Panel surface: IP66 with oil resistance and NEMA Type 4 (indoors).
Display
7-segment, negative transmissive LCD (with red backlight)
Digits
6 digits (8.5-mm-high characters)
Input mode
Up (increment)
Accumulative
Max. counting speeds
30 Hz or 5 kHz (selected via DIP switch)
---
Counting range
0 to 999999
---
Time specification
---
0.1 to 99999.9 h/1 s to 99 h 59 min 59 s
Timing accuracy
---
±100 ppm (–10°C to 55°C)
Memory backup
EEP-ROM: 200,000 operations min.
Input
Input signals
Count, reset, and key protection (see note 2)
Start, reset, and key protection (see note 2)
Input method
No-voltage input (NPN transistor input) or voltage input (PNP transistor input) (selected via DIP switch)
Count, reset,
start
No-voltage input (NPN transistor input)
Short-circuit (ON) impedance:
1 k
Ω max.
Short-circuit (ON) residual voltage:2 VDC max.
Open (OFF) impedance:
100 k
Ω min.
Voltage input (PNP transistor input)
Short-circuit (ON) impedance:
1 k
Ω max.
ON voltage:
9 to 24 VDC
OFF voltage:
5 VDC max.
Open (OFF) impedance:
100 k
Ω max.
Key protection No-voltage input (NPN transistor input)
Short-circuit (ON) impedance:
1 k
Ω max.
Short-circuit (ON) residual voltage:0.5 VDC max.
Open (OFF) impedance:
100 k
Ω min.
Input re-
sponse
speed
Reset
20 or 1 ms (automatically switched according to counting
speed)
20 ms
Start
---
20 ms
Key protection Approx. 1 s
Approx. 1 s
Reset system
External and manual resets



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com