Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-11-E Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P2CF-11-E
Description  Digital Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11-E Datasheet(HTML) 2 Page - Omron Electronics LLC

  P2CF-11-E Datasheet HTML 1Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 2Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 3Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 4Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 5Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 6Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 7Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 8Page - Omron Electronics LLC P2CF-11-E Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
H5CL
H5CL
2
Specifications
Item
H5CL-A
j (AC models)
H5CL-AD
j (DC models)
Classification
Digital timer
Mounting
DIN track, surface, and flush mounting
(common)
Flush mounting
External connections
Socket
Screw terminals
Enclosure ratings
Panel surface: IEC IP66 and NEMA Type 4 (indoors) when Y92S-29 rubber packing is used.
Digits
4 digits (zero suppress method)
Max. time settings
9.999 s (0.001-s unit), 99.99 s (0.01-s unit), 999.9 s (0.1-s unit), 9999 s (1-s unit),
99 min 59 s (1-s unit), 999.9 min (0.1-min unit), 99 h 59 min (1-min unit), 999.9 h (0.1-h unit)
Display modes
Up (increment) and Down (decrement) (selectable)
Input signals
Start, gate, reset, and key protection
Input method
No-voltage input: via NPN transistor or switching of contact
Operating modes
A (signal ON-delay), F (accumulative operation) (selectable)
Reset system
Power reset (A (signal ON-delay) mode only), external, manual resets
Sensor waiting time
216 ms typ., 250 ms max. (Control output is turned OFF and no input is accepted during
sensor waiting time.)
External power supply
50 mA at 12 VDC (
±10%)
---
Display
7-segment LEDs (12 mm high, red LEDs for the present value, and 8 mm high, green LEDs for
the set value)
Memory backup
EEP-ROM (overwritten 200,000 times min.), which can store data for 20 years min.
Mounting method
DIN track mounting, surface mounting, and
flush mounting
Flush mounting
Approved standards
UL 508, CSA C22.2 No.14
Conforms to EN61010-1
Ratings
Item
H5CL-A
j (AC models)
H5CL-AD
j (DC models)
Rated supply voltage
100 to 240 VAC, 50/60 Hz
12 to 24 VDC (permissible ripple: 20% (p-p) max.)
Operating voltage range
85 to 264 VAC, 50/60 Hz
10.8 to 26.4 VDC
Power consumption
Approx. 10 VA
Approx. 3 W
Start, reset, gate inputs
Min. pulse width: 1 ms/20 ms (selectable, same for all three inputs)
Key protection input
Response time: 1 s max.
Power reset
Min. power opening time: 0.5 s (excluding F (accumulative operation) mode)
Control output
Contact output:
SPDT, 3 A at 250 VAC, resistive load (cos
φ =1)
Min. applicable load: 10 mA at 5/24 VDC (P level, for reference value)
Transistor output: NPN open collector, 100 mA max. at 30 VDC max.,
residual voltage 1.5 VDC max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com