Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC05 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # 74HC05
Description  Hex Inverter with Open-Drain Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74HC05 Datasheet(HTML) 1 Page - System Logic Semiconductor

  74HC05 Datasheet HTML 1Page - System Logic Semiconductor 74HC05 Datasheet HTML 2Page - System Logic Semiconductor 74HC05 Datasheet HTML 3Page - System Logic Semiconductor 74HC05 Datasheet HTML 4Page - System Logic Semiconductor 74HC05 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC05
System Logic
Semiconductor
SLS
Hex Inverter
with Open-Drain Outputs
High-Performance Silicon-Gate CMOS
The SL74HC05 is identical in pinout to the LS/ALS05. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device contains six independent gates, each of which performs
the logic INVERT function. The open-drain outputs require external
pull-up resistors for proper logical operation. They may be connected
to other open-drain outputs to implement active-high wired-AND
functions.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC05N Plastic
SL74HC05D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
Y
L
Z
H
L
Z = High Impedance


Similar Part No. - 74HC05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74HC05 STMICROELECTRONICS-74HC05 Datasheet
227Kb / 9P
HEX INVERTER OPEN DRAIN
Feb-1993
74HC05 STMICROELECTRONICS-74HC05 Datasheet
168Kb / 8P
HEX INVERTER OPEN DRAIN
Jul-2001
logo
Texas Instruments
74HC05 TI-74HC05 Datasheet
66Kb / 4P
HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Toshiba Semiconductor
74HC05 TOSHIBA-74HC05 Datasheet
218Kb / 5P
HEX INVERTER (OPEN DRAIN)
logo
Hitachi Semiconductor
74HC05 HITACHI-74HC05 Datasheet
44Kb / 7P
Hex Inverters (with Open Drain Outputs)
More results

Similar Description - 74HC05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74LVC06A PHILIPS-74LVC06A Datasheet
71Kb / 16P
Hex inverter with open-drain outputs
2000 Mar 07
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
Hex Inverter with Open Drain Outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
Hex Inverter with Open-Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
Hex inverter with open-drain outputs
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com