Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC125 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC125
Description  Quad 3-State Noninverting Buffers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC125 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC125 Datasheet HTML 1Page - System Logic Semiconductor SL74HC125 Datasheet HTML 2Page - System Logic Semiconductor SL74HC125 Datasheet HTML 3Page - System Logic Semiconductor SL74HC125 Datasheet HTML 4Page - System Logic Semiconductor SL74HC125 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC125
System Logic
Semiconductor
SLS
Quad 3-State Noninverting Buffers
High-Performance Silicon-Gate CMOS
The SL74HC125 is identical in pinout to the LS/ALS125. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LS/ALSTTL outputs.
The SL74HC125 noninverting buffers are designed to be used with 3-
state memory address drivers, clock drivers, and other bus-oriented
systems. The devices have four separate output enables that are active-
low.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC125N Plastic
SL74HC125D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
OE
Y
H
L
H
L
L
L
X
H
Z
X = don’t care
Z = high impedance


Similar Part No. - SL74HC125

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC123 SLS-SL74HC123 Datasheet
59Kb / 6P
Dual Retriggerable Monostable Multivibrator
SL74HC123D SLS-SL74HC123D Datasheet
59Kb / 6P
Dual Retriggerable Monostable Multivibrator
SL74HC123N SLS-SL74HC123N Datasheet
59Kb / 6P
Dual Retriggerable Monostable Multivibrator
More results

Similar Description - SL74HC125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC125A ONSEMI-MC74HC125A Datasheet
171Kb / 8P
Quad 3-State Noninverting Buffers
March, 2000 ??Rev. 9
logo
Integral Corp.
IN74HCT125A INTEGRAL-IN74HCT125A Datasheet
136Kb / 5P
QUAD 3-STATE NONINVERTING BUFFERS
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
Quad 3-State Noninverting Buffers
KK74VHCT125 KODENSHI-KK74VHCT125 Datasheet
279Kb / 7P
Quad 3-State Noninverting Buffers
logo
IK Semicon Co., Ltd
IN74HC125A IKSEMICON-IN74HC125A Datasheet
201Kb / 6P
Quad 3-State Noninverting Buffers
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
Quad 3-State Noninverting Buffers
IN74VHCT126 IKSEMICON-IN74VHCT126 Datasheet
269Kb / 7P
Quad 3-State Noninverting Buffers
logo
ON Semiconductor
MC74HC126ANG ONSEMI-MC74HC126ANG Datasheet
148Kb / 8P
Quad 3-State Noninverting Buffers
May, 2013 ??Rev. 14
MC74HC125A ONSEMI-MC74HC125A_14 Datasheet
113Kb / 7P
Quad 3-State Noninverting Buffers
August, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com