Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC123 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC123
Description  Dual Retriggerable Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC123 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC123 Datasheet HTML 1Page - System Logic Semiconductor HC123 Datasheet HTML 2Page - System Logic Semiconductor HC123 Datasheet HTML 3Page - System Logic Semiconductor HC123 Datasheet HTML 4Page - System Logic Semiconductor HC123 Datasheet HTML 5Page - System Logic Semiconductor HC123 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL74HC123
System Logic
Semiconductor
SLS
Dual Retriggerable Monostable Multivibrator
The SL74HC123 is identical in pinout to the LS/ALS123. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
There are two trigger inputs, A INPUT (negative edge) and
B INPUT (positive edge). These inputs are valid for rising/falling
signals.
The device may also be triggered by using the CLR input (positive-
edge) because of the Schmitt-trigger input; after triggering the output
maintains the MONOSTABLE state for the time period determined by
the external resistor RX and capacitor CX. Taking CLR low breaks this
MONOSTABLE STATE. If the next trigger pulse occurs during the
MONOSTABLE period it makes the MONOSTABLE period longer.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 3.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC123N Plastic
SL74HC123D SOIC
TA = -55
° to 125° C for all packages
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Note
A
B
CLR
Q
Q
H
H
Output
Enable
X
L
H
L
*
H
*
Inhibit
H
X
H
L
*
H
*
Inhibit
L
H
Output
Enable
L
H
Output
Enable
X
X
L
L
H
Inhibit
X = don’t care
* - except for monostable period
Note
(1) CX, RX, DX are external components.
(2) DX is a clamping diode.
The external capacitor is charged to VCC in the stand-by
state, i.e. no trigger. When the supply voltage is turned off
CX is discharged mainly through an internal parasitic diode. If
CX is sufficiently large and VCC decreases rapidy, there will be
some possibility of damaging the I.C. with a surge current or
latch-up. If the voltage supply filter capacitor is large enough
and VCC decrease slowly, the surge current is automatically
limited and damage the I.C. is avoided. The maximum forward
current of the parasitic diode is approximately 20 mA.


Similar Part No. - HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HC123 NSC-HC123 Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
NXP Semiconductors
HC123 PHILIPS-HC123 Datasheet
124Kb / 17P
Dual retriggerable monostable multivibrator with reset
1998 Jul 08
logo
STMicroelectronics
HC123 STMICROELECTRONICS-HC123 Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
logo
Texas Instruments
HC123 TI-HC123 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Toshiba Semiconductor
HC123 TOSHIBA-HC123 Datasheet
486Kb / 12P
DUAL MONOSTABLE MULTIVIBRATOR. RETRIGGERBLE/NON-RETRIGGERBLE
More results

Similar Description - HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com