Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC138 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC138
Description  1-of-8 Decoder/Demultiplexer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC138 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC138 Datasheet HTML 1Page - System Logic Semiconductor HC138 Datasheet HTML 2Page - System Logic Semiconductor HC138 Datasheet HTML 3Page - System Logic Semiconductor HC138 Datasheet HTML 4Page - System Logic Semiconductor HC138 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC138
System Logic
Semiconductor
SLS
1-of-8 Decoder/Demultiplexer
High-Performance Silicon-Gate CMOS
The SL74HC138 is identical in pinout to the LS/ALS138. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The SL74HC138 decodes a three-bit Address to one-of-eight active-
low outputs. This device features three Chip Select inputs, two active-
low and one active-high to facilitate the demultiplexing, cascading, and
chip-selecting functions. The demultiplexing function is accomplished
by using the Address inputs to select the desired device output; one
of the Chip Selects is used as a data input while the other Chip Selects
are held in their active states.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC138N Plastic
SL74HC138D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
CS1CS2CS3
A2 A1A0
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
X X H
X H X
L X X
X X X
X X X
X X X
H H H H H H H H
H H H H H H H H
H H H H H H H H
H L L
H L L
H L L
H L L
L L L
L L H
L H L
L H H
L H H H H H H H
H L H H H H H H
H H L H H H H H
H H H L H H H H
H L L
H L L
H L L
H L L
H L L
H L H
H H L
H H H
H H H H L H H H
H H H H H L H H
H H H H H H L H
H H H H H H H L
H = high level (steady state)
L = low level (steady state)
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - HC138

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HC138 QT-HC138 Datasheet
169Kb / 9P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
HC138A ONSEMI-HC138A Datasheet
142Kb / 10P
1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
More results

Similar Description - HC138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
1-of-8 decoder/demultiplexer
1996 Jul 03
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com