Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-47H Datasheet(PDF) 7 Page - NEC

Part # ESD-R-47H
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-47H Datasheet(HTML) 7 Page - NEC

Back Button ESD-R-47H Datasheet HTML 3Page - NEC ESD-R-47H Datasheet HTML 4Page - NEC ESD-R-47H Datasheet HTML 5Page - NEC ESD-R-47H Datasheet HTML 6Page - NEC ESD-R-47H Datasheet HTML 7Page - NEC ESD-R-47H Datasheet HTML 8Page - NEC ESD-R-47H Datasheet HTML 9Page - NEC ESD-R-47H Datasheet HTML 10Page - NEC ESD-R-47H Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
EMI Core
7
EMI Cores
Ring Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
Dimensions(mm)
Model
ESD-SR-160H
ESD-SR-250H
A
19.5
30
C
19.5
30
D
46.5
53
E
38.5
42
Weight(g)
23
63
Color of case
black
black
φB
∼9
∼13
Snap-on Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-SR-H Series
[RoHS Compliant]
Snap-on Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-SR-H Series
[RoHS Compliant]
Snap-on Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-SR-H Series
[RoHS Compliant]
Shape and Dimensions
Impedance vs. Frequency
[mm]
D
E
A
B
1
1000
100
10
1
10
100
1000
Frequency (MHz)
ESD-SR-H
ESD-SR-160H
ESD-SR-250H
①Wider operational temperature range.
 Applicable to automotive environment (-40℃∼
40℃∼
+125℃
125℃
)
②Holding mechanisms provided
 (Fixing of cables / enclosures with fixing bands possible)
③Our unique core material enables high performance in high frequency range
Automotive (ESP, etc.)
Information and communication devices,
 audio-visual equipment, consumer electronics
Features
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com