Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-10E Datasheet(PDF) 8 Page - NEC

Part # ESD-R-10E
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-10E Datasheet(HTML) 8 Page - NEC

Back Button ESD-R-10E Datasheet HTML 4Page - NEC ESD-R-10E Datasheet HTML 5Page - NEC ESD-R-10E Datasheet HTML 6Page - NEC ESD-R-10E Datasheet HTML 7Page - NEC ESD-R-10E Datasheet HTML 8Page - NEC ESD-R-10E Datasheet HTML 9Page - NEC ESD-R-10E Datasheet HTML 10Page - NEC ESD-R-10E Datasheet HTML 11Page - NEC ESD-R-10E Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
EMI Core
8
Ring Type
e
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
bESD-R Series
OD
T
Installation Example
Shape and Dimensions
Toroidal Cores (Bare Type)
[RoHS Compliant]
Toroidal Cores (Bare Type)
[RoHS Compliant]
ESD-R-10D
9.5
5.0
10.0
ESD-R-10E
10.0
5.0
5.0
ESD-R-10S
10.5
5.5
20.0
ESD-R-12C
11.8
7.3
15.0
ESD-R-12E
11.8
7.3
8.0
ESD-R-12F
12.0
8.5
15.0
ESD-R-12S
12.0
7.0
5.5
ESD-R-14C
14.0
7.0
3.0
ESD-R-14E
14.0
10.0
8.0
ESD-R-14S
14.3
6.3
28.5
ESD-R-15C-1
15.0
10.5
12.0
ESD-R-16
15.8
11.6
8.4
ESD-R-16C
16.0
9.0
17.0
ESD-R-17S
17.5
9.5
28.5
ESD-R-18SD
18.0
10.0
6.0
ESD-R-19S
18.5
10.0
10.0
ESD-R-19SD
18.5
10.0
10.0
ESD-R-22SD
22.5
13.8
6.4
ESD-R-25SD
25.0
15.0
12.0
ESD-R-25S
25.0
15.0
12.0
ESD-R-26S
26.0
13.0
28.5
ESD-R-28C
28.0
16.0
13.0
ESD-R-31C
31.0
19.0
8.0
ESD-R-38D
38.1
19.0
12.7
Model
Dimensions (mm)
Frequency range
OD
ID
T
up to 100MHz(mainly AM band range)
up to 300MHz(mainly FM band range)
※Other sizes available. Please contact NEC TOKIN.
※Above frequency range is a reference only. Please test with actual device before use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com