Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU2 Datasheet(PDF) 5 Page - NEC

Part # EU2
Description  Miniature Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EU2 Datasheet(HTML) 5 Page - NEC

  EU2 Datasheet HTML 1Page - NEC EU2 Datasheet HTML 2Page - NEC EU2 Datasheet HTML 3Page - NEC EU2 Datasheet HTML 4Page - NEC EU2 Datasheet HTML 5Page - NEC EU2 Datasheet HTML 6Page - NEC EU2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
9600RELVOL08E1003N1
All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
Please request for a specification sheet for detailed product data prior to the purchase.
Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
Mounting space (mm
× mm)
Mounting height (mm)
Power
Voltage
Current [Working]
Operating power
Nominal voltage
Contact arrangement
Maximum
Contact
Coil
Features
13.3
× 22.5
13.3
× 14.5
1c
× 21c
1c
× 2
• Miniature twin relay for
motor reversible control
• Low profile
*ET2F; High heat resistance
• Miniature single relay for
motor, heater & solenoid
control
• Low profile
*ET1F; High heat resistance
11.0max.
Discontinued
11.0max.
12.6
× 14.1
• Ultra miniature twin relay
for motor reversible control
• Light weight
• Small mounting area
• Ultra miniature single relay
for motor control
• Light weight
• Small mounting area
14.2max.
ET2
ET1
EX2
1c
8.0
× 12.6
14.2max.
EX1
Type of Relay
Mounting space (mm
× mm)
Mounting height (mm)
Power
Voltage
Current [Working]
Operating power
Nominal voltage
Contact arrangement
Maximum
Contact
Coil
Features
Type of Relay
400W
16VDC
25A
640mW
12
12.2
× 21.0
1c
× 2
• Ultra low profile SMD twin
relay for motor reversible
control
• Light weight
• Reflow soldering available
8.0max.
EU2
480W
16VDC
30A
960mW
12
480W
16VDC
30A
900mW
12
15.0
× 21.8
16.5
× 33.5
16.7
× 24.3
16.7
× 15.1
1a,1c
480W
16VDC
30A
640~1000mW
12V
1c
× 2
1c
1c
× 2
560W
16VDC
35A
640~1150mw
12V
• Single relay for motor &
lamp control
• Small size & Light weight
• Twin relay for motor
reversible control
• Symmetrical structure
• Twin relay for motor
reversible control
• Symmetrical structure
*EP2F; High heat resistance
• Single relay for motor
control
*EP1F; High heat resistance
17.0max.
12.9
× 14.9
1u
640W
16VDC
40A
640mW
12V
• Large capacity single relay
for lamp, condenser & motor
control
• Reflow soldering available
*High heat resistance
16.5max.
16.5max.
16.5max.
15.4max.
EQ1
EN2
EP2
EP1
EP1K
EM1
480W
16VDC
30A
480~640mW
12V
16.7
× 15.1
1c
• Large capacity single relay
for motor, heater & solenoid
control
• Reflow soldering available
*High heat resistance
17.5max.
640W
16VDC
40A
640mW
12V
NEC TOKIN provides various types such as low profile,
small mounting area and low power consumption, while
realizing large capacity.
<Feature>
• Large capacity for high power switching
• Flux tight housing suitable for automatic soldering dip
• Semi-customizable for use in all types of circuitry, including car
electronic systems
• Washable plastic case (sealed type)
• Lineup of miniature twin relays also available
• Reflow soldering type available
Miniature
Power Relays



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com