Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-12C Datasheet(PDF) 6 Page - NEC

Part # ESD-R-12C
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-12C Datasheet(HTML) 6 Page - NEC

Back Button ESD-R-12C Datasheet HTML 2Page - NEC ESD-R-12C Datasheet HTML 3Page - NEC ESD-R-12C Datasheet HTML 4Page - NEC ESD-R-12C Datasheet HTML 5Page - NEC ESD-R-12C Datasheet HTML 6Page - NEC ESD-R-12C Datasheet HTML 7Page - NEC ESD-R-12C Datasheet HTML 8Page - NEC ESD-R-12C Datasheet HTML 9Page - NEC ESD-R-12C Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
EMI Core
6
EMI Cores
Ring Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
Toroidal Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-R-H Series
[RoHS Compliant]
Toroidal Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-R-H Series
[RoHS Compliant]
Toroidal Cores for Round Cables with High Heat
Resistance and Cable Holding Mechanism
ESD-R-H Series
[RoHS Compliant]
Dimensions(mm)
Frequency range
Model
ESD-R-47H
A
52.5
B
22.7
C
8.5
D
83
up to 100MHz
(mainly AM band range)
up to 300MHz
(mainly FM band range)
Compatible
toroidal
core
Color of
case
white
Impedance vs. Frequency
Shape and Dimensions
①Improved maximum allowable temperature
 (Increased from up to 60℃ to up to 120℃)
②Holding mechanisms provided
 (Enables installation with two M4 screws / holding of cables with bands)
③Our unique core material enables high performance in low frequency range
Consumer electronics
 (air conditioners, refrigerators, etc.)
Industrial equipment (INV, robots, etc.)
Installation Example
[mm]
16.5
18.5Max.
28.5Max.
5.2±0.2
10
3.0
ESD-R-47H
1
10000
1000
100
10
1
10
100
1000
Frequency (MHz)
ESD-R-H
1T
2T
3T
Features
Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com