Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC158 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC158
Description  Quad 2-Input Data Selectors/Multiplexers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC158 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC158 Datasheet HTML 1Page - System Logic Semiconductor SL74HC158 Datasheet HTML 2Page - System Logic Semiconductor SL74HC158 Datasheet HTML 3Page - System Logic Semiconductor SL74HC158 Datasheet HTML 4Page - System Logic Semiconductor SL74HC158 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC158
System Logic
Semiconductor
SLS
Quad 2-Input Data Selectors/Multiplexers
High-Performance Silicon-Gate CMOS
The SL74HC158 is identical in pinout to the LS/ALS158. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device routes 2 nibbles (A or B) to a single port (Y) as
determined by the Select input. The data is presented at the outputs in
invertered form. A high level on the Output Enable input sets all four Y
outputs to a high level.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC158N Plastic
SL74HC158D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Output
Enable
Select
Y0-Y3
H
X
H
L
L
A0-A3
L
H
B0-B3
X=don’t care
A0-A3,B0-B3=the levels of the respective
Data-Word Inputs
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HC158

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
SL74HC151D SLS-SL74HC151D Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
SL74HC151N SLS-SL74HC151N Datasheet
57Kb / 5P
8-Input Data Selector/Multiplexer
SL74HC153 SLS-SL74HC153 Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer
SL74HC153D SLS-SL74HC153D Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer
More results

Similar Description - SL74HC158

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS257A NSC-54LS257A Datasheet
163Kb / 8P
TRI-STATE Quad 2-Data Selectors/Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A Datasheet
177Kb / 8P
Quad 2-Input Data Selectors/Multiplexers
March, 2000 ??Rev. 8
logo
Fairchild Semiconductor
DM74LS257B FAIRCHILD-DM74LS257B Datasheet
56Kb / 5P
3-STATE Quad 2-Data Selectors/Multiplexers
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Motorola, Inc
MC54HC157A MOTOROLA-MC54HC157A Datasheet
168Kb / 7P
Quad 2-Input Data Selectors / Multiplexers
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A_05 Datasheet
115Kb / 10P
Quad 2?묲nput Data Selectors / Multiplexers
June, 2005 ??Rev. 9
logo
KODENSHI_AUK CORP.
KK74HC158A KODENSHI-KK74HC158A Datasheet
217Kb / 6P
Quad 2-Input Data Selectors/Multiplexers High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC157A ONSEMI-MC74HC157A_14 Datasheet
117Kb / 7P
Quad 2-Input Data Selectors/Multiplexers
August, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com