Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEE22SW Datasheet(PDF) 27 Page - NEC

Part # FEE22SW
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE22SW Datasheet(HTML) 27 Page - NEC

Back Button FEE22SW Datasheet HTML 23Page - NEC FEE22SW Datasheet HTML 24Page - NEC FEE22SW Datasheet HTML 25Page - NEC FEE22SW Datasheet HTML 26Page - NEC FEE22SW Datasheet HTML 27Page - NEC FEE22SW Datasheet HTML 28Page - NEC FEE22SW Datasheet HTML 29Page - NEC FEE22SW Datasheet HTML 30Page - NEC FEE22SW Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
27
FEP-Type Cores
FEP-Type Cores
Cores
JIS
C
1
Ae
Re
Ve
Acp
Acw
AL
Weight
(mm-1)
(mm2)
(mm)
(mm3)
(mm2)
(mm2)
(nH)
(g)
FEP7
EP7
1.52
10
15.7
160
9
11
>550 (BH2)
1.4
>1100
(5H)
>3000
(7H)
>4000 (10H)
>5200 (12H)
FEP10
EP10
1.7
11
19.2
220
9
23
>850 (BH2)
2.8
>1080
(5H)
>2800
(7H)
>3600 (10H)
>4000 (12H)
FEP13
EP13
1.24
20
24.2
470
15
26
>1250 (BH2)
5.1
>1700
(5H)
>3800
(7H)
>5000 (10H)
>6000 (12H)
FEP17
EP17
0.84
34
28.5
970
25
36
>2500
(5H)
11.8
>5800
(7H)
>8000 (10H)
>9600 (12H)
FEP20
EP20
0.51
78
39.8
3120
60
55
>4200
(5H)
27.6
>9600
(7H)
>13500 (10H)
>16200 (12H)
Cores
JIS
A
B
C
D
E
F
FEP7
EP7
9.2±0.2
3.75+0
–0.1
6.5+0
–0.3
3.4+0
–0.2
7.4±0.2
2.5+0.2
–0
FEP10
EP10
11.5±0.3
5.2+0
–0.2
7.85+0
–0.4
3.45+0
–0.3
9.4±0.2
3.6+0.2
–0
FEP13
EP13
12.5±0.3
6.5+0
–0.15
9.0+0
–0.4
4.5+0
–0.3
10.0±0.3
4.5+0.2
–0
FEP17
EP17
18.0±0.4
8.5+0
–0.2
11.25+0
–0.5
5.85+0
–0.35
12.0±0.4
5.5+0.3
–0
FEP20
EP20
24.0±0.5
10.8+0
–0.2
15.3+0
–0.7
9.0+0
–0.5
16.5±0.4
7.0+0.3
–0
C
F
B
Shape and Dimensions
Numbering System
FEP 10 - 12H
① Core size
② Core material
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com