Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEE28W Datasheet(PDF) 5 Page - NEC

Part # FEE28W
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE28W Datasheet(HTML) 5 Page - NEC

  FEE28W Datasheet HTML 1Page - NEC FEE28W Datasheet HTML 2Page - NEC FEE28W Datasheet HTML 3Page - NEC FEE28W Datasheet HTML 4Page - NEC FEE28W Datasheet HTML 5Page - NEC FEE28W Datasheet HTML 6Page - NEC FEE28W Datasheet HTML 7Page - NEC FEE28W Datasheet HTML 8Page - NEC FEE28W Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Notes of Caution on Handling and Us-
age
1) The ferrite core is a sinter. Make sure to handle it carefully as
it has low tolerance for impact such as being knocked or dorpped,
which may cause it to break or chip. Using it without realizing that
it is broken will result in degradation of its properties and heat
release. In addition, chipped fragments may result in injury or
even get into the eye.
2) The ferrite core is a magnetic substance. When there is a
strong magnet nearby, the core will be quickly attracted to it, and
there is the possibility that the core will be destroyed by the im-
pact. There is also the danger that a finger or the like may be
crushed between the two.
3) The ground surface of the ferrite core has sharp edges be-
cause it is not beveled so as to prevent decreased performance.
In addition, there may be a minute amount of burr. Carelessly
touching it may lead to injury.
4) Do not apply force to the ferrite core beyond the prescribed
amount. Otherwise, the core may break or chip the core.
5) Do not allow the ferrite core and jigs or two cores to collide.
Failing to observe this may destroy the core(s).
6) When securing the ferrite core, do not apply stress beyond the
necessary amount. Failing to observe this may break or chip the
core, reducing its properties.
7) Do not expose the ferrite core to rapid temperature extremes
(thermal shock). Failing to observe this may break or chip the
core.
8) When performing molding or such, the core may break or chip
on account of rapid changes in humidity and expansion differ-
ences between resins. Carefully evaluate the materials you
iutend using.
9) There are some ferrite cores that are heavy. Packing boxes
may fall over if stacked too high. Limit the height when stacking
them.
10) There are some ferrite cores that are heavy.
When
movingtheir packing boxes, take due care to prevent injury or
backache.
11) Since there is the possibility of damage by vibration, falling,
or other sources of physical shock when transporting ferrite cores
and transformers that use these cores, take care to provide ad-
equate packing to prevent such damage.
12) The ferrite core should be kept away from rapid temperature
changes, corrosive gases, dust, and humidity. Care should also
be taken to isolate it from vibration when transporting and storing
it.
13) Impact may cause the inductance of ferrite cores to change.
14) If the ferrite core is magnetized once by a strong magnet, it
may lose its prescribed properties.
15) If the ferrite core is used for a coil, wrap the wire with the
tension appropriate for the core's thickness and the tapering
shape. Applying tension beyond the prescribed amount when
wrapping the coil may break or chip the core.
16) When the ferrite core is directly used for a coil, the wire may
be damaged by the burr on the core's surface, resulting in a short
circuit. Select a core that has had its burr removed or has been
coated.
17) When the ferrite core is directly used for a coil, the wire may
be damaged by tension or friction, resulting in a short circuit. The
wire may also be damaged by kinks or the jigs and tools used
when adjusting the transformer. Take adequate care when per-
forming work.
18) When wrapping a coil or during assembly, adjust the equip-
ment so that the core is not struck hard and no excessive stress is
applied, and make sure to handle it as delicately as possible.
19) The ferrite core should not be placed in the mouth. Make
sure to keep it away from young children.
20) Use the ferrite core under normal temperatures and in nor-
mal surroundings.
21) If core fragments or other debris get in the ferrite core's
ground surface, inductance will lower and howling will result.
22) When cutting the ferrite core, take measures to prevent injury
such as providing a cover or protector so that debris and chips
will not fly in all directions. In addition, note the following informa-
tion to prevent the core from breaking or chipping.
1
Select a grindstone with the properties for the core's quali
ties.
2
Adjust cooling agents and their conditions (amount, tem
perature, and quality).
3
For shapes that require a large amount of grinding, do not
grind all at once. Instead, grind a little bit at a time.
4
Use an exhaust system to prevent the aspiration of dust
produced when cutting the ferrite core.
Ferrite Cores VOL.05
5
フェライトコア5版_E 10.1.23 13:24 ページ 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com