Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-25D-8 Datasheet(PDF) 4 Page - NEC

Part # ESD-R-25D-8
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-25D-8 Datasheet(HTML) 4 Page - NEC

  ESD-R-25D-8 Datasheet HTML 1Page - NEC ESD-R-25D-8 Datasheet HTML 2Page - NEC ESD-R-25D-8 Datasheet HTML 3Page - NEC ESD-R-25D-8 Datasheet HTML 4Page - NEC ESD-R-25D-8 Datasheet HTML 5Page - NEC ESD-R-25D-8 Datasheet HTML 6Page - NEC ESD-R-25D-8 Datasheet HTML 7Page - NEC ESD-R-25D-8 Datasheet HTML 8Page - NEC ESD-R-25D-8 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
EMI Core
4
EMI Cores
Ring Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
Case by case product guide
●When you have worry about damages to cable covering and insulation.
 Coated Type Core, Core with Case ...................................................
page 12∼15
●When you want to retrofit the core
 Hinged-Clamp Core
 ・For Round Cable: ESD-SR, ESD-SR-H series ..............................
page 18∼19
 ・For Flat Cable: ESD-FPD series ......................................................
page 21
●When you want to fix the core
 Core with Snail Shaped Case
 ・For Round Cable: ESD-R-B, ESD-R-H series ................................
page 16∼17
 ・For Flat Cable: ESD-FPD-1 series ..................................................
page 21
Introduction of EMI Core
for Round Cables
Solid
Split
Beads
with Snail-shaped Case
with High Heat Resistance and
Cable Holding Mechanism
Toroidal Cores
with Snail-shaped Case
Mn-Zn
& Ni-Zn
21.5∼51.5
8.8∼25.5 13.0∼17.5
16
ESD-R-B
Toroidal Cores
(ESD-R-H series)
Mn-Zn
52.5
22.7
8.5
6
ESD-R-H
with Case
Toroidal Cores
with Case
Mn-Zn
& Ni-Zn
12.9∼61.0
6.0∼32.4
6.4∼24.0
14
ESD-R
Coated type
Toroidal Cores
(Coated Type)
Mn-Zn
& Ni-Zn
12.0∼32.0
6.2∼19.0
3.0∼28.8
12
ESD-R
Bare type
Toroidal Cores
(Bare Type)
Mn-Zn
& Ni-Zn
9.5∼38.1
5.0∼19.0
3.0∼28.5
8
ESD-R
for Flat Cables
Bare type
Solid Core
for Flat Cables
Ni-Zn
14.5∼80.0
0.55∼2.2
2.75∼12.0
20
ESD-FPL
for Round Cables
with Case
Snap-on Core
for Round Cables
(ESD-SR series)
Ni-Zn
−
φ6∼φ14.5
−
18
ESD-SR
Snap-on Core
for Round Cables
(ESD-SR-H series)
Ni-Zn
−
φ9∼φ13
−
7
ESD-SR-H
Single Piece Core
Beads Core
Mn-Zn
& Ni-Zn
2.8∼9.7
0.8∼4.8
1.2∼8.0
28
B-20
for Flat Cables
with Plastic
Split Core
for Flat Cables
Ni-Zn
37.0∼80.0
2.0∼2.6
10
21
ESD-FPD-1
with Metal Clamp
Split Core
for Flat Cables
Ni-Zn
37.0∼80.0
2.0∼2.6
10
21
ESD-FPD
Series Name
Outer Diameter
(㎜)
Shape
Model
Material
Inner Diameter
(㎜)
Height
(㎜)
Page
with High Heat Resistance and
Cable Holding Mechanism



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com