Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F20 Datasheet(PDF) 2 Page - NEC

Part # F20
Description  New High Speed Decoupling Device Proadlizer PF/A Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

F20 Datasheet(HTML) 2 Page - NEC

  F20 Datasheet HTML 1Page - NEC F20 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653PFAVOL08E0912E1
1
NO
Test Item
Operating
Temperature
Rated Voltage
Capacitance
Capacitance
Tolerance
DC Leakage
Current
Dissipation Factor
(DF)
Surge Voltage
Temperature Stability
Temperature
Cycling
Resistance to
Soldering Heat
Damp Heat
Endurance
Capacitance Change: Within
±20% of initial
specification.
LC: Lower than initial specification.
DF: Lower than 2 times initial specification.
ESR: Lower than 2 times initial specification.
Capacitance Change: Within
±20% of initial
specification.
LC: Lower than initial specification.
DF: Lower than 2 times initial specification.
ESR: Lower than 2 times initial specification.
Capacitance Change: Within
±20% of initial
specification.
LC: Lower than initial specification.
DF: Lower than initial specification.
ESR: Lower than initial specification.
Capacitance: Within +30% to –20% of initial
specification.
LC: Lower than initial specification.
DF: Lower than 2 times initial specification.
ESR: Lower than 2 times initial specification.
Capacitance Change: Within
±20% of initial
specification.
LC: Lower than initial specification.
DF: Lower than 2 times initial specification.
ESR: Lower than 2 times initial specification.
–55
°C to 105°C
5cycles
–55
°C to +105°C
2.0V, 2.5V
900
μF~2400μF
M:
±20%
Refer Rating table
Refer Rating table
Capacitance: same as No.3
LC: same as No.5
DF: same as No.6
ESR: same as No.7
Applied 115% of Rating Voltage
at 105
°C
1000cycles
Applied Rating Voltage, 5min
at 120Hz
at 120Hz
Reflow soldering
240
°C, 10sec. Peak
40
°C, 90 to 95%RH
Duration is 500Hr
105
°C,
Applied Rating Voltage
Duration is 1000Hr
*ESR: Preliminary specification
Performance
Test Condition
2
3
4
5
6
ESR*
Refer Rating table
at 100kHz
7
8
9
10
11
12
13
at –55
°C
at +105
°C
Within 0% to –20%
Lower than initial specification. Lower than 10 times initial specification.
Lower than initial specification. Lower than 1.5 times initial specification.
Lower than initial specification. Lower than 1.5 times initial specification.
Within +50% to 0%
Capacitance
Change
LC
tan
δ
ESR
PERFORMANCE
Proadlizer
® PF/A Series
RATINGS (Initial specification)
MARKING
Rated voltage
Capacitance
0E
128
PART NUMBER SYSTEM
PFA F25 0E
128
M
** **
Characteristic code (2 digits)
Capacitance tolerance
(M:
±20%)
Capacitance (128=1200
μF)
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
Rated voltage (0D: 2.0V, 0E: 2.5V)
Case code
PF/A Series
Tape & Reel Carrier
(TE or C: φ330mm)
9653PFAVOL08E0912E1
Printed in Japan
http://www.nec-tokin.com
http://www.nec-tokin.com
• The names of the products and the specifications in this catalog are subject to change without notice for the sake of improvement. The manufacturer also reserves the right to discontinue any of
these products. At the time of delivery, please ask for specifications sheets to check the contents in order to use the products properly and safely.
• Descriptions in this catalog regarding product characteristics and quality are based solely on discrete components. When using these components, be sure to check the specifications with the
component in question mounted on the products.
• The manufacturer’s warranty will not cover any disadvantage or damage caused by improper use of the products that deviates from the characteristics, specifications, or conditions for use
described in this catalog.
• The products in this catalog are intended for use in ordinary electronic products. If any of these products are to be used in special applications requiring extremely high reliability, such as in aviation
equipment and nuclear power controllers where product defects might pose a safety risk, please consult your NEC TOKIN sales representatives.
• Though the manufacturer has taken all possible precautions to ensure the quality and reliability of its products, improper use of products may result in bodily injury, fire, or similar accident. If you
have any questions regarding the use of the products in question, please consult your NEC TOKIN sales representatives.
• Please be advised that the manufacturer accepts no responsibility for any infraction by users of the manufacturer’s products on third party patents or industrial copyrights. The manufacturer is
responsible only when such infractions are attributable to the structural design of the product and its manufacturing process.
• Export Control
For customers outside Japan
NEC TOKIN products should not be used or sold for use in the development, production, stockpiling or utilization of any conventional weapons or mass-destructive weapons(nuclear weapons,
chemical or biological weapons, or missiles), or any other weapons.
For customers in Japan
For products which are controlled items subject to the, “Foreign Exchange and Foreign Trade Law” of Japan, the export license specified by the law is required for export.
• This catalog is current as of October 2009.
Precautions
2nd Sales Unit
Chiyoda First Bldg., 8-1, Nishi-Kanda 3-chome,Chiyoda-ku, Tokyo 101-8362, Japan
1st Overseas Sales Dept.
Phone: 81-3-3515-9222 Fax: 81-3-3515-9223
2nd Overseas Sales Dept.
Phone: 81-3-3515-9224 Fax: 81-3-3515-9223
3rd Overseas Sales Dept.
Phone: 81-3-3515-9228 Fax: 81-3-3515-9223
NEC TOKIN Korea Co., Ltd.
518, Korea City AIR-Terminal B/D, 159-6,Samsung-dong, Kangnam-gu, Seoul 135-728, Korea
Phone: 82-2-551-3651 Fax: 82-2-551-3650
NEC TOKIN America Inc.
(Headquarters & Western Area Sales)
2460 North First Street, Suite 220, San Jose,California 95131, U.S.A.
Phone: 1-408-324-1790 Fax: 1-408-324-1497
Chicago Branch (Northeast Sales Office)
1600 Golf Road, Corporate Center-Suite 1228,Rolling Meadows, Illinois 60008 U.S.A.
Phone: 1-847-981-5047 Fax: 1-847-981-5051
Austin Branch (Southeast Sales Office)
11782 Jollyville Road, Suite 208, Austin, Texas 78759, U.S.A.
Phone: 1-512-219-4040 Fax: 1-512-219-4007
NEC TOKIN Hong Kong Ltd.
NEC TOKIN Shanghai Co.,Ltd.
Room 301-302, Metro Plaza, No.555 Loushanguan Road, Changning District, Shanghai, China 200051
Phone: 86-21-6228-0606 Fax: 86-21-6228-6862
NEC TOKIN Singapore Pte Ltd.
180 Cecil Street, #14-02/03 Bangkok Bank Building, Singapore 069546
Phone: 65-6223-7076 Fax: 65-6223-6093
NEC TOKIN Taiwan Co., Ltd.
Room 411, No.9, Lane 3, Minsheng W.Road, Taipei 104, Taiwan
Phone: 886-2-2521-3998 Fax: 886-2-2521-3993
NEC TOKIN Europe GmbH
Hellersbergstrasse 14, D-41460 Neuss, Germany
Phone: 49-2131-1866-0 Fax: 49-2131-1866-18
Munich Office
Sigmund-Riefler-Bogen 8, D-81829 Muenchen, Germany
Phone: 49-89-944-197-0 Fax: 49-89-944-197-10
France Branch
9, Rue Paul Dautier, 78142 Velizy-Villacoublay, France
Phone: 33-1-39-452011 Fax: 33-1-39-451209
Sweden Representative Office
Solkraftsvaegen 25, 13570 Stockholm, Sweden
Phone: 46-8-712-91-05 Fax: 46-8-712-91-10
Unit Nos. 1512-1517, Level 15, Tower
138 Shatin Rural Committee Road, Shatin, New Territories, Hong Kong
Phone: 852-2730-0028 Fax: 852-2375-2508
Ⅱ , Grand Central Plaza,
© 2009 NEC TOKIN Corporation
Technical support
NEC TOKIN Global Marketing Division(Japan)
For inquiry,Please call Sales Promotion Department(Japan)
Phone: 81-3-3515-9220 Fax: 81-3-3515-9223
Phone: 81-3-3515-9264 Fax: 81-3-3515-9263
Rated
voltage
(V)
Capacitance
(μF)
Disipation
Factor (% )
DC Leakage
Current
(μA)
ESR
(m Ω )
at 100kHz
Case
code
  Part Number
2.0
1000
10
300
1.0
121220
PFA1212200D108MCDC
2.5
900
10
250
1.5
F25
PFAF250E907MCBTE
2.5
1200
10
300
2.0
F25
PFAF250E128MTE
2.5
1200
10
300
1.5
F25
PFAF250E128MNSTE
2.5
1500
10
375
2.0
F25
PFAF250E158MTE
2.0
1000
10
200
1.0
F20
PFAF200D108MCDTE
★
2.0
1800
10
360
1.0
F20
PFAF200D188MNRTE
★
2.0
2400
10
480
1.0
F25
PFAF250D248MNRTE
★
★:Under development



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com