Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-25B Datasheet(PDF) 28 Page - NEC

Part # ESD-R-25B
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-25B Datasheet(HTML) 28 Page - NEC

Back Button ESD-R-25B Datasheet HTML 23Page - NEC ESD-R-25B Datasheet HTML 24Page - NEC ESD-R-25B Datasheet HTML 25Page - NEC ESD-R-25B Datasheet HTML 26Page - NEC ESD-R-25B Datasheet HTML 27Page - NEC ESD-R-25B Datasheet HTML 28Page - NEC ESD-R-25B Datasheet HTML 29Page - NEC ESD-R-25B Datasheet HTML 30Page - NEC ESD-R-25B Datasheet HTML 31Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
EMI Core
28
EMI Cores
Ring Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
Bead Type
1
10000
1000
100
10
1
10
1000
100
Frequency (MHz)
B-20F-28
1
10
100
1000
Frequency (MHz)
B-20F-38
1
10
100
1000
Impedance vs. Frequency
bBeads Cores
OD
H
Shape and Dimensions
Bead Cores
[RoHS Compliant]
Bead Cores
[RoHS Compliant]
B-20F-28
2.8
1.3
3.0
●
B-20F-38
3.8
1.5
4.3
●
B-20F-46
4.6
1.5
4.3
●
B-20F-57
5.7
1.5
8.0
●
B-20L-25
2.5
1.0
1.2
●
B-20L-34
3.4
0.8
4.4
●
B-20L-44
4.4
1.6
7.0
●
B-20L-48B
4.8
2.4
4.8
●
B-20L-95B
9.7
4.8
4.2
●
(coated)
※Above frequency range is a reference only. Please test with actual device before use.
Model
Dimensions (mm)
Frequency range
Remarks
OD
ID
H
up to 100MHz
up to 300MHz
(mainly AM band range)
(mainly FM band range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com