Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC712PB Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC712PB
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PB Datasheet(HTML) 2 Page - Texas Instruments

  DAC712PB Datasheet HTML 1Page - Texas Instruments DAC712PB Datasheet HTML 2Page - Texas Instruments DAC712PB Datasheet HTML 3Page - Texas Instruments DAC712PB Datasheet HTML 4Page - Texas Instruments DAC712PB Datasheet HTML 5Page - Texas Instruments DAC712PB Datasheet HTML 6Page - Texas Instruments DAC712PB Datasheet HTML 7Page - Texas Instruments DAC712PB Datasheet HTML 8Page - Texas Instruments DAC712PB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
A
0
A
1
DAC712
SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009 ................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
DIFFERENTIAL
LINEARITY ERROR MAX
LINEARITY ERROR MAX
PACKAGE-
PACKAGE
SPECIFIED
PRODUCT
AT +25°C
AT +25°C
LEAD
DESIGNATOR
TEMPERATURE RANGE
DAC712P
±4LSB
±4LSB
PDIP-28
NT
–40°C to +85°C
DAC712U
±4LSB
±4LSB
SOIC-28
DW
–40°C to +85°C
DAC712PB
±2LSB
±2LSB
PDIP-28
NT
–40°C to +85°C
DAC712UB
±2LSB
±2LSB
SOIC-28
DW
–40°C to +85°C
DAC712PK
±2LSB
±2LSB
PDIP-28
NT
0°C to +70°C
DAC712UK
±2LSB
±2LSB
SOIC-28
DW
0°C to +70°C
DAC712PL
±2LSB
±1LSB
PDIP-28
NT
0°C to +70°C
DAC712UL
±2LSB
±1LSB
SOIC-28
DW
0°C to +70°C
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
DAC712
UNIT
+VCC to COMMON
0, +17
V
–VCC to COMMON
0, –17
V
+VCC to –VCC
34
V
Digital Inputs to COMMON
–1 to +VCC – 0.7
V
External Voltage Applied to BPO and Range Resistors
±VCC
V
VREF OUT
Indefinite Short to COMMON
VOUT
Indefinite Short to COMMON
Power Dissipation
750
mW
Storage Temperature Range
–60 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
TRUTH TABLE
WR
CLR
DESCRIPTION
0
1
1
→ 0 → 1
1
Load Input Latch
1
0
1
→ 0 → 1
1
Load D/A Latch
1
1
1
→ 0 → 1
1
No Change
0
0
0
1
Latches Transparent
X
X
1
1
No Change
X
X
X
0
Reset D/A Latch
2
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com