Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-38B Datasheet(PDF) 18 Page - NEC

Part # ESD-R-38B
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-38B Datasheet(HTML) 18 Page - NEC

Back Button ESD-R-38B Datasheet HTML 14Page - NEC ESD-R-38B Datasheet HTML 15Page - NEC ESD-R-38B Datasheet HTML 16Page - NEC ESD-R-38B Datasheet HTML 17Page - NEC ESD-R-38B Datasheet HTML 18Page - NEC ESD-R-38B Datasheet HTML 19Page - NEC ESD-R-38B Datasheet HTML 20Page - NEC ESD-R-38B Datasheet HTML 21Page - NEC ESD-R-38B Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
EMI Core
18
Snap-on Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
Snap-on Cores for Round
Cables
[RoHS Compliant]
Snap-on Cores for Round
Cables
[RoHS Compliant]
ESD-SR Series
bTemperature Index : 65˚C
bFlame Class : UL94V-0
bCTI : Rank 0
ESD-SR-100
1
10
100
1000
1
100
10
1000
Frequency (MHz)
ESD-SR-110
1
10
100
1000
1
100
10
1000
Frequency (MHz)
1T
1T
Impedance vs. Frequency
bESD–SR–
A
D
B
C
bESD–SR–S
D
B
A
C
Shape and Dimensions
Case Color
ESD-SR-
□□□ (blank)Black
ESD-SR-
□□□G     Gray
ESD-SR-
□□□ V     Violet
※Black only for ESD-SR-S□□
ESD-SR-100
16.5
16.5
21.0
Up to 6.0
7.2
Black, Gray, Violet
ESD-SR-110
14.4
14.2
28.0
Up to 5.0
6.9
Black, Gray, Violet
ESD-SR-S10
15.5
14.0
18.5
Up to 6.0
4.1
Black
ESD-SR-120
16.0
16.4
33.0
Up to 6.0
13.3
Black, Gray, Violet
ESD-SR-150
19.6
20.3
37.4
Up to 7.0
23.4
Black, Gray, Violet
ESD-SR-160
20.2
20.0
39.0
Up to 9.0
22.7
Black, Gray, Violet
ESD-SR-250
31.5
31.6
38.0
Up to 13.0
59.5
Black, Gray, Violet
ESD-SR-S16
23.0
20.0
20.5
Up to 8.0
12.9
Black
ESD-SR-S25
33.0
29.0
15.5
Up to 14.5
21.3
Black
Model
Dimensions (mm)
φD
Weight
Color of case
A max.
B max.
C max.
(g)
bESD-SR Series
bThe Violet case is built-to-order item.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com