Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC712PL Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC712PL
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PL Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC712PL Datasheet HTML 9Page - Texas Instruments DAC712PL Datasheet HTML 10Page - Texas Instruments DAC712PL Datasheet HTML 11Page - Texas Instruments DAC712PL Datasheet HTML 12Page - Texas Instruments DAC712PL Datasheet HTML 13Page - Texas Instruments DAC712PL Datasheet HTML 14Page - Texas Instruments DAC712PL Datasheet HTML 15Page - Texas Instruments DAC712PL Datasheet HTML 16Page - Texas Instruments DAC712PL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LOGIC INPUT COMPATIBILITY
GAIN AND OFFSET ADJUSTMENTS
+Full-Scale
AllBits
Logic0
1LSB
Rangeof
OffsetAdjust
OffsetAdjust
Translates
theLine
DigitalInput
AllBits
Logic1
Full-Scale
Range
GainAdjust
RotatestheLine
- Full-Scale
MSBonAll
OthersOff
Bipolar
Offset
Rangeof
GainAdjust
» ±0.3%
» ±0.3%
R
R=1k:A ,A ,
,
WRCLR
0
1
3k:D ...D
0
15
ESDProtectionCircuit
6.8V
5pF
Digital
Input
-VCC
+V
CC
INPUT CODING
INTERNAL REFERENCE
OUTPUT VOLTAGE SWING
Offset Adjustment
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
The DAC712 digital inputs are TTL-compatible (1.4V
Figure 10 illustrates the relationship of offset and gain
switching level) with low-leakage, high-impedance
adjustments for a bipolar connected D/A converter.
inputs. Thus, the inputs are suitable for being driven
Offset should be adjusted first to avoid interaction of
by any type of 5V logic such as 5V CMOS logic. An
adjustments. Table 1 shows calibration values and
equivalent circuit of a digital input is shown in
codes. These adjustments have a minimum range of
Figure 9.
±0.3%.
Data inputs float to logic '0' and control inputs float to
logic '0' if left unconnected. It is recommended that
any unused inputs be connected to DCOM to improve
noise immunity.
Digital inputs remain high-impedance when power is
off.
Figure 10. Relationship of Offset and Gain
Figure 9. Equivalent Circuit of Digital Inputs
Adjustments
Table 1. Digital Input and Analog Output Voltage
Calibration Values
The DAC712 is designed to accept positive-true
binary twos complement (BTC) input codes that are
DAC712 CALIBRATION VALUES
1 LEAST SIGNIFICANT BIT = 305
µV
compatible with bipolar analog output operation. For
bipolar analog output configuration, a digital input of
DIGITAL INPUT
CODE BINARY
7FFFh gives a positive full-scale output, 8000h gives
TWOS
a negative full-scale output, and 0000h gives bipolar
COMPLEMENT,
ANALOG OUTPUT
zero output.
BTC
(V)
DESCRIPTION
Positive Full-Scale –
7FFFh
+9.999695
1LSB
4000h
+5.000000
3/4 Scale
The DAC712 contains a +10V reference.
0001h
+0.000305
BPZ + 1LSB
The reference output may be used to drive external
0000h
0.000000
Bipolar Zero (BPZ)
loads, sourcing up to 2mA. The load current should
FFFFh
–0.000305
BPZ – 1LSB
be constant, otherwise the gain and bipolar offset of
the converter will vary.
C000h
–5.000000
1/4 Scale
8000h
–10.00000
Negative Full-Scale
The output amplifier of the DAC712 is committed to a
±10V output range. The DAC712 provides a ±10V
Apply the digital input code that produces the
output swing while operating on ±11.4V or higher
maximum negative output voltage and adjust the
voltage supplies.
offset potentiometer or the offset adjust D/A converter
for –10V.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com