Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-47D-B Datasheet(PDF) 16 Page - NEC

Part # ESD-R-47D-B
Description  EMI Core
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESD-R-47D-B Datasheet(HTML) 16 Page - NEC

Back Button ESD-R-47D-B Datasheet HTML 12Page - NEC ESD-R-47D-B Datasheet HTML 13Page - NEC ESD-R-47D-B Datasheet HTML 14Page - NEC ESD-R-47D-B Datasheet HTML 15Page - NEC ESD-R-47D-B Datasheet HTML 16Page - NEC ESD-R-47D-B Datasheet HTML 17Page - NEC ESD-R-47D-B Datasheet HTML 18Page - NEC ESD-R-47D-B Datasheet HTML 19Page - NEC ESD-R-47D-B Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
EMI Core
16
Ring Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
3.0
C
ø5.1
bESD-R-B Series
Shape and Dimensions
Toroidal Cores with
Snail-shaped Case
[RoHS Compliant]
Toroidal Cores with
Snail-shaped Case
[RoHS Compliant]
1
10
100
1000
1
10
100
1000
1
10
100
1000
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
1
10000
1000
100
10
1T
2T
3T
1
10000
1000
100
10
1T
2T
3T
1
10000
1000
100
10
1T
2T
3T
Frequency (MHz)
ESD-R-19B
Frequency (MHz)
ESD-R-19D-B
Frequency (MHz)
ESD-R-25B
Frequency (MHz)
ESD-R-25D-B
Impedance vs. Frequency
[mm]
ESD-R-19B
21.5
8.8
13.0
18.5
white
ESD-R-19S
ESD-R-19D-B
21.5
8.8
13.0
18.5
black
ESD-R-19SD
ESD-R-25B
29.3
13.9
15.0
23.0
white
ESD-R-25S
ESD-R-25D-B
29.3
13.9
15.0
23.0
black
ESD-R-25SD
ESD-R-38B
42.4
17.9
16.0
28.0
white
ESD-R-38D
ESD-R-38D-B
42.4
17.9
16.0
28.0
black
ESD-R-47B
51.5
25.5
17.5
34.0
white
ESD-R-47D-B
51.5
25.5
17.5
34.0
black
Model
Dimensions (mm)
Frequency range
Color of case
Compatible toroidal core
A
B
C
D
up to 100MHz
up to 300MHz
(bare type)
(mainly AM band range)
(mainly FM band range)
※Above frequency range is a reference only. Please test with actual device before use.
※Flame resistant grade of the case : UL94V-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com