Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC813 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC813
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC813 Datasheet(HTML) 2 Page - Texas Instruments

  DAC813 Datasheet HTML 1Page - Texas Instruments DAC813 Datasheet HTML 2Page - Texas Instruments DAC813 Datasheet HTML 3Page - Texas Instruments DAC813 Datasheet HTML 4Page - Texas Instruments DAC813 Datasheet HTML 5Page - Texas Instruments DAC813 Datasheet HTML 6Page - Texas Instruments DAC813 Datasheet HTML 7Page - Texas Instruments DAC813 Datasheet HTML 8Page - Texas Instruments DAC813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
2
DAC813
DAC813JP, JU, AU
DAC813KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Resolution
12
T
Bits
Codes(1)
USB, BOB
T
Digital Inputs Over Temperature Range(2)
VIH(3)
+2
+5.5
TT
VDC
VIL
0
+0.8
TT
VDC
DATA Bits, WR, Reset, LDAC, LMSB, LLSB
±10
T
µA
IIH
VIN = +2.7V
±10
T
µA
IIL
VIN = +0.4V
ACCURACY
Linearity Error
±1/4
±1/2
±1/8
±1/4
LSB
Differential Linearity Error
±1/2
±3/4
±1/4
±1/2
LSB
Gain Error(4)
±0.05
±0.2
TT
%
Unipolar Offset Error(5)
±0.01
±0.02
TT
% of FSR(7)
Bipolar Zero Error(6)
±0.02
±0.2
TT
% of FSR
Monotonicity
Guaranteed
T
Power Supply Sensitivity: +VCC
20V Range
5
10
TT
ppm of FSR/%
–VCC
110
TT
ppm of FSR/%
DRIFT
Over Specification
Gain
Temperature Range
±5
±30
T
±15
ppm/
°C
Unipolar Offset
±1
±3
T
±3
ppm of FSR/
°C
Bipolar Zero
±3
±10
T
±5
ppm of FSR/
°C
Linearity Error Over Temperature Range
±1/2
±3/4
±1/4
±1/2
LSB
Monotonicity Over Temperature Range
Guaranteed
T
SETTLING TIME(8) (To Within
±0.01% of
FSR of Final Value; 5k
Ω || 500pF load)
For Full Scale Range Change
20V Range
4.5
6
TT
µs
10V Range
3.3
5
TT
µs
For 1LSB Change at Major Carry(9)
2
T
µs
Slew Rate
10
T
V/
µs
ANALOG OUTPUT
Voltage Range: Unipolar
±V
CC > ±11.4V
0 to +10
T
V
Bipolar
±V
CC > ±11.4V
±5, ±10
T
V
Output Current
±5
T
mA
Output Impedance
At DC
0.2
T
Ω
Short Circuit to Common Duration
Indefinite
T
REFERENCE VOLTAGE
Voltage
+9.95
+10
+10.05
TT
T
V
Source Current Available for External Loads
5
T
mA
Impedance
2
T
Ω
Temperature Coefficient
±5
±25
TT
ppm/
°C
Short Circuit to Common Duration
Indefinite
T
POWER SUPPLY REQUIREMENTS
Voltage: +VCC
+11.4
+15
+16.5
TT
T
VDC
–VCC
–11.4
–15
–16.5
TT
T
VDC
Current: +VCC + VL
No Load
13
15
TT
mA
–VCC
No Load
–5
–7
TT
mA
Potential at DCOM with Respect to ACOM(10)
–3
+3
TT
V
Power Dissipation
270
330
TT
mW
TEMPERATURE RANGE
Specification: J, K
0
+70
TT
°C
A
–40
+85
TT
°C
Operating: J, K
–40
+85
TT
°C
A
–55
+125
TT
°C
Storage: J, K
–60
+100
TT
°C
A
–65
+150
TT
°C
T Same as specification for DAC813AU, JP, JU.
NOTES: (1) USB = Unipolar Straight Binary; BOB = Bipolar Offset Binary. (2) TTL and 5V CMOS compatible. (3) Open DATA input lines will be pulled above +5.5V.
See discussion under LOGIC INPUT COMPATIBILITY in the OPERATION section. (4) Specified with 500
Ω Pin 6 to 7. Adjustable to zero with external trim
potentiometer. (5) Error at input code 000HEX for unipolar mode, FSR = 10V. (6) Error at input code 800HEX for bipolar range. Specified with 100Ω Pin 6 to 4 and
with 500
Ω pin 6 to 7. See page 9 for zero adjustment procedure. (7) FSR means Full Scale Range and is 20V for the ±10V range. (8) Maximum represents the
3
σ limit. Not 100% tested for this parameter. (9) At the major carry, 7FF
HEX to 800HEX and 800HEX to 7FFHEX. (10) The maximum voltage at which ACOM and DCOM
may be separated without affecting accuracy specifications.
SPECIFICATIONS
At TA = +25°C, ±VCC = ±12V or ±15V and load on VOUT = 5kΩ || 500pF to common, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com