Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0H223ZF Datasheet(PDF) 9 Page - NEC

Part # FS0H223ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H223ZF Datasheet(HTML) 9 Page - NEC

Back Button FS0H223ZF Datasheet HTML 5Page - NEC FS0H223ZF Datasheet HTML 6Page - NEC FS0H223ZF Datasheet HTML 7Page - NEC FS0H223ZF Datasheet HTML 8Page - NEC FS0H223ZF Datasheet HTML 9Page - NEC FS0H223ZF Datasheet HTML 10Page - NEC FS0H223ZF Datasheet HTML 11Page - NEC FS0H223ZF Datasheet HTML 12Page - NEC FS0H223ZF Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 9
Markings
Displays nominal capacitance, MAX operating voltage serial number, polarity and etc.
Standard models
FC Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FC0H473ZFTBR24
5.5
0.047
50
0.071
4.2
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
−
0.1
FC0H104ZFTBR24
5.5
0.10
25
0.15
4.2
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
−
0.1
FC0H224ZFTBR24
5.5
0.22
25
0.33
4.2
10.5
8.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.4
−
0.1
FC0H474ZFTBR32-SS
5.5
0.47
13
0.71
4.2
16.0
9.5
16.3
16.3 6.8±1.0
1.2
5.0
1.2±0.5 0 +0.5
4.0
−
0.1
FC0H105ZFTBR44-SS
5.5
1.0
7
1.50
4.2
21.0
10.5
21.6
21.6 7.0±1.0
1.4
10.0 1.2±0.5 0 +0.5
6.7
−
0.1
FC0V104ZFTBR24
3.5
0.10
50
0.09
̶
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
−
0.1
FC0V224ZFTBR24
3.5
0.22
25
0.20
̶
10.5
5.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.0
−
0.1
FC0V474ZFTBR24
3.5
0.47
25
0.42
̶
10.5
8.5
10.8
10.8 3.6±0.5
1.2
5.0
0.7±0.3 0 +0.3
1.4
−
0.1
FCH Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FCH0V683ZFTBR16
3.6
0.068
40
0.062
̶
6.8
3.7
6.8
6.8
2.9±0.5
0.7
2.5
0.7±0.3 0 +0.3
0.3
−
0.1
FCH0H433ZFTBR16
5.5
0.043
50
0.065
̶
6.8
5.0
6.8
6.8
2.9±0.5
0.7
2.5
0.7±0.3 0 +0.3
0.4
−
0.1
FCS Type
Part Number
Max.
Operating
Voltage
(Vdc)
Nominal
Capacitance
Discharge
system (F)
Max. ESR
(at 1kHz)
(Ω)
Max.
current at
30 minutes
(mA)
Voltage
Holding
Characteristic
Min. (V)
Dimension (Unit:mm)
Weight
(g)
DH
A
B
I
W
P
K
L
FCS0H473ZFTBR24
5.5
0.047
100
0.071
4.2
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
−
0.1
FCS0H104ZFTBR24
5.5
0.10
50
0.15
4.2
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
−
0.1
FCS0H224ZFTBR24
5.5
0.22
50
0.33
4.2
10.7
8.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.4
−
0.1
FCS0V104ZFTBR24
3.5
0.10
100
0.09
̶
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
−
0.1
FCS0V224ZFTBR24
3.5
0.22
50
0.20
̶
10.7
5.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.0
−
0.1
FCS0V474ZFTBR24
3.5
0.47
50
0.42
̶
10.7
8.5
10.8
10.8 3.9±0.5
1.2
5.0
0.9±0.3 0 +0.3
1.4
−
0.1
D±0.5
B±0.2
A±0.2
Negative
terminal
Positive
terminal
W±0.1
H max.
L
K
II
P
473
5.5V
A1
Nominal
capacitance
MAX
operating voltage
Date code
Polarity
(negative)
FC 5.5V
474
A1-001
Nominal
capacitance
MAX
operating voltage
Serial number
Polarity
(negative)
Series name
Logo
N T
Date code
FC0H473ZFTBR24
FC0H104ZFTBR24
FC0H224ZFTBR24
FC0V104ZFTBR24
FC0V224ZFTBR24
FC0V474ZFTBR24
FCH0V683ZFTBR16
FCH0V433ZFTBR16
473
5.5V
A1 S
Nominal
capacitance
MAX
operating voltage
Date code
FCS Type
Polarity
(negative)
FCS0H473ZFTBR24
FCS0H104ZFTBR24
FCS0H224ZFTBR24
FCS0V104ZFTBR24
FCS0V224ZFTBR24
FCS0V474ZFTBR24
FC0H474ZFTBR32-SS
FC0H105ZFTBR44-SS
6. Rated Specifications
6.1 FC Series
Features
• Enables surface mounting.
• High rated voltage of 5.5V.
• High leakage reliability.
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com