Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0H473ZF Datasheet(PDF) 7 Page - NEC

Part # FS0H473ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H473ZF Datasheet(HTML) 7 Page - NEC

Back Button FS0H473ZF Datasheet HTML 3Page - NEC FS0H473ZF Datasheet HTML 4Page - NEC FS0H473ZF Datasheet HTML 5Page - NEC FS0H473ZF Datasheet HTML 6Page - NEC FS0H473ZF Datasheet HTML 7Page - NEC FS0H473ZF Datasheet HTML 8Page - NEC FS0H473ZF Datasheet HTML 9Page - NEC FS0H473ZF Datasheet HTML 10Page - NEC FS0H473ZF Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 7
5. Part Number System
FG Series bulk type
FG
0H
223
Z
F
Environmental pollutant reduced
Capacitance tolerance
+80%, −20%
Nominal capacitance(μF)
First two digits represent significant figure
Third digit specifies number of zeroes to follow microfarad code.
Maximum operating voltage
0V:3.5Vdc, 0H:5.5Vdc, 0J:6.5Vdc, 1A:11Vdc, 1B:12Vdc
Series name
Height (excluding lead)
16:16mm
18:18mm
Tape type
Bulk part name
FM Series tape type (Ammo pack)
FM0H223ZF
TP
16
FC Series tape type (Embossed tape)
FC0H104ZF
TB
R
24 - SS
Indivisual management code
Tape width
Positive electrode position in relation to tapes forward direction
Embossed tape type
Bulk part name
FM, FC, FT, FG, FS, FR, FY, FE, FA Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com