Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESVC20J107M Datasheet(PDF) 7 Page - NEC

Part # ESVC20J107M
Description  E/SV Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

ESVC20J107M Datasheet(HTML) 7 Page - NEC

  ESVC20J107M Datasheet HTML 1Page - NEC ESVC20J107M Datasheet HTML 2Page - NEC ESVC20J107M Datasheet HTML 3Page - NEC ESVC20J107M Datasheet HTML 4Page - NEC ESVC20J107M Datasheet HTML 5Page - NEC ESVC20J107M Datasheet HTML 6Page - NEC ESVC20J107M Datasheet HTML 7Page - NEC ESVC20J107M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9653TCAVOL14E1109E0
E/SV Series
36
10
47
A
ESVA1A476M
4.7
20
5
36
24
±20%
±20%
47
B2
ESVB21A476M
4.7
8
1
12
10
±12%
±12%
47
C2
ESVC21A476M
4.7
8
1
14
10
±12%
±12%
47
C
ESVC1A476M
4.7
8
0.9
12
10
± 5%
±10%
68
B2
ESVB21A686M
6.8
12
0.9
14
14
±12%
±12%
68
C2
ESVC21A686M
6.8
10
1
18
14
±12%
±12%
68
C
ESVC1A686M
6.8
8
0.7
12
10
±12%
±12%
100
B2
ESVB21A107M
10
16
1.4
20
20
±20%
±30%
100
C2
ESVC21A107M
10
10
0.8
18
14
±12%
±12%
100
C
ESVC1A107M
10
10
0.5
18
12
±12%
±12%
100
V
ESVV1A107M
10
8
0.5
18
10
±12%
±12%
100
D
ESVD1A107M
10
8
0.6
18
10
± 5%
±10%
150
V
ESVV1A157M
15
8
0.5
18
10
±12%
±12%
150
D
ESVD1A157M
15
10
0.6
18
12
±12%
±12%
220
D
ESVD1A227M
22
12
0.6
22
14
±12%
±12%
16
0.47
P
ESVP1C474M
0.5
10
35
15
15
±20%
±20%
0.68
P
ESVP1C684M
0.5
10
25
15
15
±20%
±20%
1
J
ESVJ1C105M
0.5
10
25.5
30
15
±20%
±20%
1
P
ESVP1C105M
0.5
10
20
15
15
±20%
±20%
1.5
J
ESVJ1C155M
0.5
10
25
20
15
±20%
±20%
1.5
A
ESVA1C155M
0.5
4
6
8
6
± 5%
±10%
2.2
J
ESVJ1C225M
6.8
20
20
30
30
±20%
±20%
2.2
P
ESVP1C225M
0.5
10
19
15
15
±20%
±20%
2.2
A2
ESVA21C225M
0.5
6
10
10
8
±12%
±12%
2.2
A
ESVA1C225M
0.5
6
6
10
8
± 5%
±10%
3.3
P
ESVP1C335M
0.5
10
8
15
15
±20%
±20%
3.3
A2
ESVA21C335M
0.5
8
7
14
10
±12%
±12%
3.3
A
ESVA1C335M
0.5
6
4.5
10
8
±12%
±12%
4.7
A2
ESVA21C475M
0.7
8
4.5
14
10
±12%
±12%
4.7
A
ESVA1C475M
0.7
6
4
10
8
±12%
±12%
6.8
A
ESVA1C685M
1
6
4
10
8
±12%
±12%
6.8
B3
ESVB31C685M
1
6
4.1
10
8
±15%
±15%
10
A
ESVA1C106M
1.6
8
3.2
12
10
±12%
±12%
10
B3
ESVB31C106M
1.6
8
3.5
14
10
±15%
±15%
10
B2
ESVB21C106M
1.6
6
2
10
8
± 5%
±10%
15
A
ESVA1C156M
2.4
12
5
22
14
±12%
±12%
15
B2
ESVB21C156M
2.4
6
2
10
8
± 5%
±10%
22
B3
ESVB31C226M
3.5
10
2.2
18
12
±15%
±15%
22
B2
ESVB21C226M
3.5
6
2.2
10
8
± 5%
±10%
22
C
ESVC1C226M
3.5
6
1.5
10
8
± 5%
±10%
33
B2
ESVB21C336M
5.2
8
1.4
14
10
±5%
±10%
33
C2
ESVC21C336M
5.2
6
1.4
10
8
±12%
±12%
33
C
ESVC1C336M
5.2
6
1.1
10
8
± 5%
±10%
47
C
ESVC1C476M
7.5
6
0.8
10
8
±12%
±12%
47
D
ESVD1C476M
7.5
6
0.7
10
8
± 5%
±10%
68
C
ESVC1C686M
10.8
6
0.7
16
10
±12%
±12%
68
D
ESVD1C686M
10.8
6
0.7
10
8
± 5%
±10%
100
D
ESVD1C107M
16
8
0.5
18
10
±12%
±12%
20
0.47
A2
ESVA21D474M
0.5
6
25
10
8
± 5%
±10%
0.68
A2
ESVA21D684M
0.5
6
15
10
8
± 5%
±10%
1
A2
ESVA21D105M
0.5
6
12
10
8
±12%
±12%
1.5
A2
ESVA21D155M
0.5
6
7.4
10
8
±12%
±12%
2.2
P
ESVP1D225M
0.5
10
8
15
15
±20%
±20%
2.2
A2
ESVA21D225M
0.5
6
7
10
8
±12%
±12%
2.2
A
ESVA1D225M
0.5
6
6
10
8
±12%
±12%
3.3
A2
ESVA21D335M
0.6
8
5
14
10
±12%
±12%
3.3
A
ESVA1D335M
0.6
6
5
10
8
±12%
±12%
3.3
B3
ESVB31D335M
0.6
6
3.9
10
8
±15%
±15%
4.7
A2
ESVA21D475M
0.9
15
5
30
20
±12%
±12%
4.7
A
ESVA1D475M
0.9
6
5
10
8
±12%
±12%
4.7
B3
ESVB31D475M
0.9
6
3
10
8
±15%
±15%
4.7
B2
ESVB21D475M
0.9
6
3
10
8
± 5%
±10%
6.8
B3
ESVB31D685M
1.3
6
3
10
8
±15%
±15%
Capacitance
Voltage
(V)
Case
Code
Part
Number
(Bulk)
( F)
Rated
Capacitance Change
at Endurance
-55℃
+125℃
Soldering Heat
at Resistance to
at Damp Heat
at Surge Voltage
Leakage
Current
Max
DF
Max
ESR
Max
(%)
( A)
DF (%) Max
(
)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com