Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMV02 Datasheet(PDF) 1 Page - 3M Electronics

Part # FMV02
Description  3M™ Void Polyester Label Products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FMV02 Datasheet(HTML) 1 Page - 3M Electronics

  FMV02 Datasheet HTML 1Page - 3M Electronics FMV02 Datasheet HTML 2Page - 3M Electronics FMV02 Datasheet HTML 3Page - 3M Electronics FMV02 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Void Polyester Label Products
FMV02 • FMV12 • FMV22 • FMV32 • FMV0E
Product Description
3M™ Void Polyester Label Products are tamper-indicating stocks designed to provide
a “void” message in the facestock when removal is attempted. These void polyester
labels utilize 3M™ Adhesive P1410 which is an aggressive tackified emulsion acrylic
adhesive that offers excellent adhesion to a wide variety of substrates, including
polyolefins.
Technical Data
February, 2007
Construction
Product
Facestock
Adhesive
Liner
3M™ Void
.002 in. Silver Void
P1410
50# SC
Polyester Label
Polyester TC
Perm. 18
3.1 mil semi-bleached
Product FMV02
super calendered kraft sheet
3M™ Void
.002 in. White Void
P1410
50# SC Remoist
Polyester Label
Polyester EDP
Perm. 18
3.1 mil semi-bleached
Product FMV12
super calendered kraft sheet
3M™ Void
.002 in. White Void
P1410
50# SC
Polyester Label
Polyester TC
Perm. 18
3.1 mil semi-bleached
Product FMV22
super calendered kraft sheet
3M™ Void
.002 in. Silver Void
P1410
50# SC Remoist
Polyester Label
Polyester Translucent
Perm. 18
3.1 mil semi-bleached
Product FMV32
EDP
super calendered kraft sheet
3M™ Void
.002 in. Silver Void
P1410
50# SC C2S
Polyester Label
Polyester TC
Perm. 18
3.1 mil semi-bleached
Product FMV0E
super calendered kraft sheet
(Calipers are nominal values)
Typical Physical
Properties
Peel Adhesion
3.0 lbs./in. (528 N/m)
TLMI Method, 180° Peel, 12"/min., 1" wide sample
Loop Tack
1.8 lbs./in. (316 N/m)
TLMI Method, 12"/min., 1" wide sample
Shear
1.0 hour
TLMI Method, 0.25 in.2 x 500g
Adhesive Coat Weight
1.75 g/100 in.2 ± 10%
3M Method E10MFP01
Liner Release
15 to 50 g/2 in.
TLMI Method, 180° removal, 300 in./min.
Application Temperature
40°F to 120°F (5°C to 49°C)
Service Temperature
-20°F to 240°F (-29°C to 115°C)
Conformability
Semi-rigid – Label is suitable for flat or slightly curved surfaces.
Adhesion properties determined per TLMI Method using 1.0 mil polyester with 0.9 mils
of adhesive on a stainless steel panel.
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.


Similar Part No. - FMV02

ManufacturerPart #DatasheetDescription
logo
3M Electronics
FMV02 3M-FMV02 Datasheet
553Kb / 4P
3M™ Tamper-Evident Label Materials
More results

Similar Description - FMV02

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7613T 3M-7613T Datasheet
553Kb / 4P
3M™ Tamper-Evident Label Materials
SJ5008BLACK 3M-SJ5008BLACK Datasheet
150Kb / 8P
3M™ Bumpon™ Protective Products
Feb-2012
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
8429 3M-8429 Datasheet
125Kb / 6P
3M™ Polyester Tape 8429
Mar-2017
7903 3M-7903 Datasheet
201Kb / 8P
3M??Sheet Label Material 7903
8991L 3M-8991L Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
EC-3439 3M-EC-3439 Datasheet
20Kb / 4P
3M Scotch-WeldTM Void Filling Compound
EC-3550 3M-EC-3550 Datasheet
175Kb / 4P
3M??Scotch-Weld??Structural Void Filling Compound
EC-3505 3M-EC-3505 Datasheet
221Kb / 5P
3M??Scotch-Weld??Structural Void Filling Compound
SJ6500 3M-SJ6500 Datasheet
166Kb / 4P
3M™ Bumpon™ Protective Products
Nov-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com