Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S150 Datasheet(PDF) 1 Page - 3M Electronics

Part # S150
Description  Safety & Security Window Films
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

S150 Datasheet(HTML) 1 Page - 3M Electronics

  S150 Datasheet HTML 1Page - 3M Electronics S150 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Safety & Security Window Films
Performance Results*:
Visible Light Transmitted
87%
Total Solar Energy Rejected
19%
UV Light Rejected
98%
Glare Reduction
2%
Visible Light Reflected
11%
SCLARL150
Ultra S150 Benefits:
*Performance data generated for a typical film
on 6mm glass using applicable industry test
methods and standards.
Ultra S150
Enhancing safety
as only 3M can
Interior View
• Film thickness: 2-mils (0.05 mm)
• Optically clear film
• Microlayered safety film with excellent
flexibility and tear resistant properties
compared to conventional polyester
window films
• Exhibits strong adhesion to glass and
shock absorbing properties
• Durable protective hardcoat provides
scratch resistance and durability
• Protects from the harmful effects of UV
light and reduces furniture fading
• For application to interior surface
of glass
• Can be cleaned with typical window
cleaning solutions
• Basic glass fragment retention film
helps protect from glass hazards caused
by seismic activity, spontaneous glass
breakage, and low force impact events
• Provides an added measure of security
an can help deter Smash and Grab
burglaries
• Meets ANSI Z97.1 (Class B) and 16
CFR CPSC 1201 (Category I) impact
requirements for Safety Glazing
• Can be combined with 3M Impact
Protection Attachment systems for
additional safety and security


Similar Part No. - S150

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
S1500EA HUAXINAN-S1500EA Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
S1500EB HUAXINAN-S1500EB Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
S1500EC HUAXINAN-S1500EC Datasheet
293Kb / 6P
SIDACtor Protection Thyristors
logo
Vishay Siliconix
S15025SL0N6 VISHAY-S15025SL0N6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
S15025SL0P6 VISHAY-S15025SL0P6 Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
More results

Similar Description - S150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
Window Comparator
logo
Hongfa Technology
HF3605 HONGFA-HF3605 Datasheet
52Kb / 2P
WINDOW CONTROLLWER
logo
List of Unclassifed Man...
SF123 ETC1-SF123 Datasheet
171Kb / 2P
Polyfilm Polyplex Polyester Films
logo
3M Electronics
AF6 3M-AF6 Datasheet
31Kb / 8P
3M Scotch-WeldTM Structural Adhesive Films
logo
Ultralife Corporation.
CR123A ULTRALIFE-CR123A Datasheet
457Kb / 2P
Safety and security systems
16 DEC 20 Rev: C
logo
Schneider Electric
VRKP4YYYYY00012 SCHNEIDER-VRKP4YYYYY00012 Datasheet
115Kb / 1P
sets of sliding films
Apr 20, 2022
VRKP4YYYYY00013 SCHNEIDER-VRKP4YYYYY00013 Datasheet
129Kb / 1P
sliding films FDA
Apr 20, 2022
logo
FIBOX Enclosing innovat...
ARIPW1614KT FIBOX-ARIPW1614KT Datasheet
400Kb / 1P
PC Window
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
562X 3M-562X Datasheet
69Kb / 2P
3M™ Lapping Films 562X and 566X
July 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com