Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC174 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC174
Description  Hex D Flip-Flop with Common Clock and Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC174 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC174 Datasheet HTML 1Page - System Logic Semiconductor HC174 Datasheet HTML 2Page - System Logic Semiconductor HC174 Datasheet HTML 3Page - System Logic Semiconductor HC174 Datasheet HTML 4Page - System Logic Semiconductor HC174 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HC174
System Logic
Semiconductor
SLS
Hex D Flip-Flop with
Common Clock and Reset
High-Performance Silicon-Gate CMOS
The SL74HC174 is identical in pinout to the LS/ALS174. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
This device consists of six D flip-flops with common Clock and
Reset inputs. Each flip-flop is loaded with a low-to-high transition of
the Clock input. Reset is asynchronous and active-low.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC174N Plastic
SL74HC174D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Reset
Clock
D
Q
L
X
X
L
H
H
H
H
L
L
H
L
X
no change
H
X
no change
X = Don’t care
LOGIC DIAGRAM
PIN 16=VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - HC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC175 TI1-HC175 Datasheet
910Kb / 21P
QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
logo
Connor-Winfield Corpora...
HC17R5 CONNOR-WINFIELD-HC17R5 Datasheet
54Kb / 1P
14 PIN DIP HCMOS
HC17R5R CONNOR-WINFIELD-HC17R5R Datasheet
62Kb / 1P
HCMOS/TTL COMPATIBLE TRI-STATE OUTPUT
HC17R6 CONNOR-WINFIELD-HC17R6 Datasheet
57Kb / 1P
14 PIN DIP HIGH SPEED CMOS
More results

Similar Description - HC174

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
Quad D Flip-Flop with Common Clock and Reset
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
Quad D Flip-Flop with Common Clock and Reset
REV 6
MC74HC174A ONSEMI-MC74HC174A Datasheet
155Kb / 8P
Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_12 Datasheet
148Kb / 10P
Hex D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 12
MC74HC175A ONSEMI-MC74HC175A_14 Datasheet
93Kb / 9P
Quad D Flip-Flop with Common Clock and Reset
November, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com