Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1580BRTZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1580BRTZ-R2
Description  1.2 V Micropower, Precision
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1580BRTZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1580BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 9Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 10Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 11Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD1580
Rev. F | Page 12 of 12
ORDERING GUIDE
Model1
Temperature
Range
Initial Output
Error
Temperature
Coefficient
Package
Description
Package
Option
Branding
AD1580ART-REEL
−40°C to +85°C
10 mV
100 ppm/°C
3-Lead SOT-23-3
RT-3
0Axx
AD1580ARTZ-REEL
−40°C to +85°C
10 mV
100 ppm/°C
3-Lead SOT-23-3
RT-3
R0Y
AD1580ARTZ-REEL7
−40°C to +85°C
10 mV
100 ppm/°C
3-Lead SOT-23-3
RT-3
R0Y
AD1580BRT-REEL7
−40°C to +85°C
1 mV
50 ppm/°C
3-Lead SOT-23-3
RT-3
0Bxx
AD1580BRTZ-R2
−40°C to +85°C
1 mV
50 ppm/°C
3-Lead SOT-23-3
RT-3
R2E
AD1580BRTZ-REEL7
−40°C to +85°C
1 mV
50 ppm/°C
3-Lead SOT-23-3
RT-3
R2E
AD1580BKSZ-REEL
−40°C to +85°C
2.5 mV
50 ppm/°C
3-Lead SC70
KS-3
R2E
AD1580BKSZ-REEL7
−40°C to +85°C
2.5 mV
50 ppm/°C
3-Lead SC70
KS-3
R2E
1
Z = RoHS Compliant Part.
PACKAGE BRANDING INFORMATION
In the SOT-23 package (RT), four marking fields identify the device generic, grade, and date of processing.
The first field is the product identifier. A 0 identifies the generic as the AD1580.
The second field indicates the device grade: A or B.
In the third field, a numeral or letter indicates a calendar year: 5 for 1995, A for 2001.
In the fourth field, letters A through Z represent a two-week window within the calendar year, starting with A for the first two weeks of
January.
©2003-2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00700-0-7/11(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com