Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP13 Datasheet(PDF) 8 Page - NEC

Part # FEP13
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEP13 Datasheet(HTML) 8 Page - NEC

Back Button FEP13 Datasheet HTML 4Page - NEC FEP13 Datasheet HTML 5Page - NEC FEP13 Datasheet HTML 6Page - NEC FEP13 Datasheet HTML 7Page - NEC FEP13 Datasheet HTML 8Page - NEC FEP13 Datasheet HTML 9Page - NEC FEP13 Datasheet HTML 10Page - NEC FEP13 Datasheet HTML 11Page - NEC FEP13 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
8
●Curie temperature Tc (゜
C)
This refers to the ambient temperature at which the magnetic
core shifts from strong magnetism to paramagnetism. In actual
practice, to obtain the Curie temperature, the specimen's initial
magnetic permeability is measured and the relationship of this
to temperature is drawn in a diagram. At the bottom, the exten-
sion of the line linking the 80% of maximum point and the 20%
of maximum point is taken as the Curie temperature.
●Disaccommodation factor DF
This factor applies when the fluctuation of magnetic permeabili-
ty over time seems to be mostly linear with the time logarithm.
It is expressed by the following formula.
D
F =
.
(t
2 > t1)
Here
μ
1
: following complete demagnetization, the magnetic
permeability after the passage of t1 seconds.
μ
2
: following complete demagnetization, the magnetic
permeability after the passage of t2 seconds.
●Induction factor AL
As shown in the following formula, this refers to self-inductance
that occurs per unit winding in a coil of constant shape and
dimensions wound around the magnetic core.
AL =
Here
L: Self-inductance (H) in the coil when there is a mag-
netic core
N: Number of all the coil's windings
●Resistance
ρ (Ω・m)
This refers to the electrical resistance per unit cross-section
area and unit length.
●Density d (kg/m2)
This is calculated as follows from the magnetic core volume and
weight.
d =
(kg/m3)
Here W: magnetic core weight (kg)
V : magnetic core volume (m3)
For the most part the preceding definitions are based on JIS
C2560 "Ferrite Magnetic Core Regulations."
W
V
L
N2
1
μ
1
2
μ
1
---
μ
2
log
10
t2
t1
maximum value
for
80% of the maximum
value for
20% of the maximum value
for
Curie temperature
(Tc)
Temp [
°C]
i
μ
i
μ
i
μ
フェライトコア5版_E 10.1.23 13:24 ページ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com