Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7997 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7997
Description  2-Channel, 12-Bit ADC with I2C-Compatible
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7997 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7997 Datasheet HTML 9Page - Analog Devices AD7997 Datasheet HTML 10Page - Analog Devices AD7997 Datasheet HTML 11Page - Analog Devices AD7997 Datasheet HTML 12Page - Analog Devices AD7997 Datasheet HTML 13Page - Analog Devices AD7997 Datasheet HTML 14Page - Analog Devices AD7997 Datasheet HTML 15Page - Analog Devices AD7997 Datasheet HTML 16Page - Analog Devices AD7997 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7992
Rev. 0 | Page 13 of 28
CIRCUIT INFORMATION
The AD7992 is a low power, 12-bit, single-supply, 2-channel
analog-to-digital converter (ADC). The part can be operated
from a 2.7 V to 5.5 V supply.
The AD7992 provides the user with a 2-channel multiplexer,
an on-chip track-and-hold, an ADC, an on-chip oscillator,
internal data registers, and an I2C-compatible serial interface,
all housed in a 10-lead MSOP package that offers the user
considerable space-saving advantages over alternative solutions.
The AD7992 requires an external reference in the range of 1.2 V
to VDD.
The AD7992 normally remains in a power-down state while not
converting. When supplies are first applied, the part comes up
in a power-down state. Power-up is initiated prior to a con-
version, and the device returns to power-down upon
completion of the conversion. Conversions can be initiated on
the AD7992 by pulsing the CONVST signal, using an automatic
cycle interval mode or a command mode where wake-up and a
conversion occur during a write address function (see the
Modes of Operation section). On completion of a conversion,
the AD7992 again enters power-down mode. This automatic
power-down feature allows power saving between conversions.
This means any read or write operations across the I2C interface
can occur while the device is in power-down.
CONVERTER OPERATION
The AD7992 is a successive approximation, analog-to-digital
converter based around a capacitive DAC. Figure 17 and
Figure 18 show simplified schematics of the ADC during its
acquisition and conversion phases, respectively. Figure 17 shows
the ADC during its acquisition phase. SW2 is closed and SW1 is
in position A, the comparator is held in a balanced condition,
and the sampling capacitor acquires the signal on VIN.
CAPACITIVE
DAC
VIN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
AGND
Figure 17. ADC Acquisition Phase
When the ADC starts a conversion, as shown in Figure 18,
SW2 opens and SW1 moves to position B, causing the
comparator to become unbalanced. The input is disconnected
once the conversion begins. The control logic and the capacitive
DAC are used to add and subtract fixed amounts of charge from
the sampling capacitor to bring the comparator back into a
balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code. Figure 19 shows the ADC transfer function.
VIN
COMPARATOR
CONTROL
LOGIC
SW1
A
B
SW2
AGND
CAPACITIVE
DAC
Figure 18. ADC Conversion Phase
ADC Transfer Function
The output coding of the AD7992 is straight binary. The
designed code transitions occur at successive integer LSB values
(i.e., 1 LSB, 2 LSB, and so on). The LSB size for the AD7992 is
REFIN/4096. Figure 19 shows the ideal transfer characteristic for
the AD7992.
000...000
ANALOG INPUT
0V TO REFIN
111...111
000...001
000...010
111...110
111...000
011...111
AGND + 1LSB
+REFIN – 1LSB
AD7992 1LSB = REFIN/4096
Figure 19. AD7992 Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com