Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-3 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9518-3
Description  6-Output Clock Generator with 6-Output Clock Generator with
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-3 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9518-3 Datasheet HTML 9Page - Analog Devices AD9518-3 Datasheet HTML 10Page - Analog Devices AD9518-3 Datasheet HTML 11Page - Analog Devices AD9518-3 Datasheet HTML 12Page - Analog Devices AD9518-3 Datasheet HTML 13Page - Analog Devices AD9518-3 Datasheet HTML 14Page - Analog Devices AD9518-3 Datasheet HTML 15Page - Analog Devices AD9518-3 Datasheet HTML 16Page - Analog Devices AD9518-3 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Data Sheet
AD9518-3
Rev. B | Page 13 of 64
ABSOLUTE MAXIMUM RATINGS
Table 17.
Parameter
Rating
VS, VS_LVPECL to GND
−0.3 V to +3.6 V
VCP to GND
−0.3 V to +5.8 V
REFIN, REFIN to GND
−0.3 V to VS + 0.3 V
REFIN to REFIN
−3.3 V to +3.3 V
RSET to GND
−0.3 V to VS + 0.3 V
CPRSET to GND
−0.3 V to VS + 0.3 V
CLK, CLK to GND
−0.3 V to VS + 0.3 V
CLK to CLK
−1.2 V to +1.2 V
SCLK, SDIO, SDO, CS to GND
−0.3 V to VS + 0.3 V
OUT0, OUT0, OUT1, OUT1, OUT2, OUT2,
OUT3, OUT3,OUT4, OUT4, OUT5, OUT5
to GND
−0.3 V to VS + 0.3 V
SYNC to GND
−0.3 V to VS + 0.3 V
REFMON, STATUS, LD to GND
−0.3 V to VS + 0.3 V
Junction Temperature1
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (10 sec)
300°C
1 See Table 18 for θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 18.
Package Type1
θJA
Unit
48-Lead LFCSP
24.7
°C/W
1 Thermal impedance measurements were taken on a 4-layer board in still air
in accordance with EIA/JESD51-2.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com