Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP601 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP601
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP601 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP601 Datasheet HTML 1Page - Analog Devices ADCMP601 Datasheet HTML 2Page - Analog Devices ADCMP601 Datasheet HTML 3Page - Analog Devices ADCMP601 Datasheet HTML 4Page - Analog Devices ADCMP601 Datasheet HTML 5Page - Analog Devices ADCMP601 Datasheet HTML 6Page - Analog Devices ADCMP601 Datasheet HTML 7Page - Analog Devices ADCMP601 Datasheet HTML 8Page - Analog Devices ADCMP601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. A | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE1
Rise Time /Fall Time
t
R tF
10% to 90%, V
CCO = 2.5 V
2.2
ns
10% to 90%, V
CCO = 5.5 V
4
ns
Propagation Delay
t
PD
V
OD = 50 mV, VCCO = 2.5 V
3.5
ns
V
OD = 50 mV, VCCO = 5.5 V
4.3
ns
V
OD = 10 mV, VCCO = 2.5 V
5
ns
Propagation Delay Skew—Rising to
Falling Transition
V
CCO = 2.5 V to 5.5 V
V
OD = 50 mV
500
ps
Overdrive Dispersion
10 mV < V
OD < 125 mV
1.2
ns
Common-Mode Dispersion
−0.2 V < V
CM < VCCI + 0.2 V
V
OD = 50 mV
200
ps
Minimum Pulse Width
PW
MIN
V
CCI = VCCO = 2.5 V
PW
OUT = 90% of PWIN
3
ns
V
CCI = VCCO = 5.5 V
PW
OUT = 90% of PWIN
4.5
ns
POWER SUPPLY
Input Supply Voltage Range
V
CCI
2.5
5.5
V
Output Supply Voltage Range
V
CCO
2.5
5.5
V
Positive Supply Differential
V
CCI − VCCO
Operating
−3.0
+3.0
V
(ADCMP602 Only)
V
CCI − VCCO
Nonoperating
−5.5
+5.5
V
Positive Supply Current
(ADCMP600/ADCMP601)
I
VCC
V
CC = 2.5 V
V
CC = 5.5 V
3
3.5
3.5
4.0
mA
Input Section Supply Current
I
VCCI
V
CCI = 2.5 V
0.9
1.4
mA
(ADCMP602 Only)
V
CCI = 5.5 V
1.2
2.0
mA
Output Section Supply Current
I
VCCO
V
CCO = 2.5 V
1.45
3.0
mA
(ADCMP602 Only)
V
CCO = 5.5 V
2.1
3.5
mA
Power Dissipation
P
D
V
CC = 2.5 V
7
9
mW
P
D
V
CC = 5.5 V
20
23
mW
Power Supply Rejection Ratio
PSRR
V
CCI = 2.5 V to 5 V
−50
dB
Shutdown Mode I
CCI
V
CC = 2.5 V
240
400
µA
(ADCMP602 Only)
Shutdown Mode I
CCO
V
CC =2.5 V
30
µA
(ADCMP602 Only)
1 V
IN = 100 mV square input at 50 MHz, VCM = 0 V, CL = 5 pF, VCCI = VCCO =2.5 V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com