Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL74HC221 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HC221
Description  Dual Monostable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC221 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HC221 Datasheet HTML 1Page - System Logic Semiconductor SL74HC221 Datasheet HTML 2Page - System Logic Semiconductor SL74HC221 Datasheet HTML 3Page - System Logic Semiconductor SL74HC221 Datasheet HTML 4Page - System Logic Semiconductor SL74HC221 Datasheet HTML 5Page - System Logic Semiconductor SL74HC221 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SL74HC221
System Logic
Semiconductor
SLS
Dual Monostable Multivibrator
The SL74HC221 is identical in pinout to the LS/ALS221. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
There are two trigger inputs, A INPUT (negative edge) and
B INPUT (positive edge). These inputs are valid for rising/falling
signals
The device may also be triggered by using the CLR input (positive-
edge) because of the Schmitt-trigger input; after triggering the output
maintains the MONOSTABLE state for the time period determined by
the external resistor RX and capacitor CX. Taking CLR low breaks this
MONOSTABLE STATE. If the next trigger pulse occurs during the
MONOSTABLE period it makes the MONOSTABLE period longer.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 3.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
ORDERING INFORMATION
SL74HC221N Plastic
SL74HC221D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
FUNCTION TABLE
Inputs
Outputs
Note
A
B
CLR
Q
Q
H
H
Output
Enable
X
L
H
L
*
H
*
Inhibit
H
X
H
L
*
H
*
Inhibit
L
H
Output
Enable
L
H
Output
Enable
X
X
L
L
H
Inhibit
X = don’t care
* - except for monostable period
Note
(1) CX, RX, DX are external components.
(2) DX is a clamping diode.
The external capacitor is charged to VCC in the stand-by
state, i.e. no trigger. When the supply voltage is turned off
CX is discharged mainly through an internal parasitic diode.
If CX is sufficiently large and VCC decreases rapidy, there will
be some possibility of damaging the I.C. with a surge
current or latch-up. If the voltage supply filter capacitor is
large enough and VCC decrease slowly, the surge current is
automatically limited and damage the I.C. is avoided. The
maximum
forward
current
of
the
parasitic
diode
is
approximately 20 mA.


Similar Part No. - SL74HC221

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC20 SLS-SL74HC20 Datasheet
33Kb / 4P
Dual 4-Input NAND Gate
SL74HC20D SLS-SL74HC20D Datasheet
33Kb / 4P
Dual 4-Input NAND Gate
SL74HC20N SLS-SL74HC20N Datasheet
33Kb / 4P
Dual 4-Input NAND Gate
SL74HC240 SLS-SL74HC240 Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
SL74HC240D SLS-SL74HC240D Datasheet
47Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver
More results

Similar Description - SL74HC221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
Dual Monostable Multivibrator
MM54C221 NSC-MM54C221 Datasheet
148Kb / 6P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
Dual monostable multivibrator
January 1995
logo
STMicroelectronics
HCC4098B STMICROELECTRONICS-HCC4098B Datasheet
324Kb / 14P
DUAL MONOSTABLE MULTIVIBRATOR
Jun-1989
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
Dual monostable multivibrator
Rev. 11 - 4 March 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com