Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-470LSF Datasheet(PDF) 80 Page - NEC

Part # PI-470LSF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-470LSF Datasheet(HTML) 80 Page - NEC

Back Button PI-470LSF Datasheet HTML 76Page - NEC PI-470LSF Datasheet HTML 77Page - NEC PI-470LSF Datasheet HTML 78Page - NEC PI-470LSF Datasheet HTML 79Page - NEC PI-470LSF Datasheet HTML 80Page - NEC PI-470LSF Datasheet HTML 81Page - NEC PI-470LSF Datasheet HTML 82Page - NEC PI-470LSF Datasheet HTML 83Page - NEC PI-470LSF Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Power Inductors VOL.10
80
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
SSB84 Series
(1000pcs./reel)
Dimensions of indented square hole plastic tape
K
A
t
J
FG
H
E
D
C
B
Reel dimensions
[mm]
AB
C
D
E
F
G
H
J
K
t
± 0.1
± 0.1
± 0.3
± 0.1
± 0.1
± 0.1
± 0.1
± 0.1 +0.1, –0 ± 0.1 ± 0.05
8.7
10.4
16
7.5
1.75
12
2.0
4.0
ø1.5
6.0
0.4
[mm]
AB
C
D
E
r
W1
W2
± 2.0
± 5.0
± 0.5
± 1.0
± 0.5
± 0.1
± 0.3
380
80
13
21
2.0
R1.0
16.5
19.5
W2
C
E
D
r
W1
Packing position
SSB14
, 15 Series(500pcs./reel)
Dimensions of indented square hole plastic tape
K
A
t
J
FG
H
E
D
C
B
Reel dimensions
[mm]
AB
C
D
E
F
G
H
J
K
t
± 0.1 ± 0.1 ± 0.3 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 +0.1, –0 SSB14:6.5 ± 0.1 ± 0.05
11.7
14
24
11.5
1.75
16
2.0
4.0
ø1.5
SSB15
:8.0 ± 0.1
0.4
[mm]
AB
C
D
E
r
W1
W2
± 2.0
± 5.0
± 0.5
± 1.0
± 0.5
± 0.1
± 0.3
380
80
13
21
2.0
R1.0
12.5
15.5
W2
C
E
D
r
W1
Packing position
① Series
Core size (indicated by the first numbers of the coreユs diameter and height.)
Model and core size
The Models use 5-digit numbers that show the core size and inductance.
The first two digits show the core size, indicated by the first numbers of the coreユs diameter and height.
3Inductance: 10×10 =100(μH)
②
③
▼ ▼
1
▼
Numbering System
SSB -44 - 101
Model
Core size [mm]
SSB 15-
□□□
ø11.0 5.5
SSB 14-
□□□
ø11.0 4.0
SSB 84-
□□□
ø8.0 4.0
SSB 64-
□□□
ø6.0 4.0
SSB 44-
□□□
ø4.5 4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com