Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS04 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24CS04
Description  I2C-Compatible (2-wire) Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS04 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24CS04 Datasheet HTML 16Page - ATMEL Corporation AT24CS04 Datasheet HTML 17Page - ATMEL Corporation AT24CS04 Datasheet HTML 18Page - ATMEL Corporation AT24CS04 Datasheet HTML 19Page - ATMEL Corporation AT24CS04 Datasheet HTML 20Page - ATMEL Corporation AT24CS04 Datasheet HTML 21Page - ATMEL Corporation AT24CS04 Datasheet HTML 22Page - ATMEL Corporation AT24CS04 Datasheet HTML 23Page - ATMEL Corporation AT24CS04 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Atmel AT24CS04/08 [PRELIMINARY DATASHEET]
8766B–SEEPR–8/12
14.3 8MA2 — 8-pad UDFN
TITLE
GPC
YNZ
DRAWING NO.
8MA2
REV.
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D
2.00 BSC
E
3.00 BSC
D2
1.40
1.50
1.60
E2
1.20
1.30
1.40
A
0.50
0.55
0.60
A1
0.0
0.02
0.05
A2
–
–
0.55
C
0.152 REF
L
0.30
0.35
0.40
e
0.50 BSC
b
0.18
0.25
0.30
3
K
0.20
–
–
7/15/11
D2
E2
E
e (6x)
L (8x)
b (8x)
Pin#1 ID
A
A1
A2
Pin 1 ID
D
C
K
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing
MO-229, for proper dimensions, tolerances, datums, etc.
2. The terminal #1 ID is a laser-marked feature.
3. Dimension b applies to metallized terminal and is measured between
0.15 mm and 0.30 mm from the terminal tip. If the terminal has the
optional radius on the other end of the terminal, the dimension should
not be measured in that radius area.
8MA2, 8-pad, 2 x 3 x 0.6 mm Body, Thermally
Enhanced Plastic Ultra Thin Dual Flat No
Lead Package (UDFN)
Package Drawing Contact:
packagedrawings@atmel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com