Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-221LMF Datasheet(PDF) 83 Page - NEC

Part # PI-221LMF
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PI-221LMF Datasheet(HTML) 83 Page - NEC

Back Button PI-221LMF Datasheet HTML 79Page - NEC PI-221LMF Datasheet HTML 80Page - NEC PI-221LMF Datasheet HTML 81Page - NEC PI-221LMF Datasheet HTML 82Page - NEC PI-221LMF Datasheet HTML 83Page - NEC PI-221LMF Datasheet HTML 84Page - NEC PI-221LMF Datasheet HTML 85Page - NEC PI-221LMF Datasheet HTML 86Page - NEC PI-221LMF Datasheet HTML 87Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Power Inductors VOL.10
83
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
H
Shape and Dimensions
[mm]
±25% at Idc=0
*Parenthesized values are examples of actually measured values.
●The core is covered with coating. (powder epoxy coating)
ø
OH Coils
[RoHS Compliant]
OH Coils
[RoHS Compliant]
Rated current
(A)
Model
(mΩ)max.
DC resistance
Diameter of
magnetic wire
(mm )
OH-011Z
OH-021Z
OH-031Z
OH-012Z
OH-022Z
OH-032Z
OH-052Z
OH-013Z
OH-023Z
OH-033Z
OH-053Z
OH-073Z
OH-034SZ
OH-054SZ
OH-074SZ
OH-104SZ
OH-024Z
OH-034Z
OH-054Z
OH-074Z
OH-104Z
OH-035Z
OH-055Z
OH-075Z
OH-105Z
OH-205Z
1
2
3
1
2
3
5
1
2
3
5
7
3
5
7
10
2
3
5
7
10
3
5
7
10
20
200
65
30
600
180
120
45
1000
500
130
90
90
400
350
250
50
1500
300
210
100
45
700
600
400
180
20
120
41
17
337
101
60
22
600
247
75
41
28
187
120
80
22
712
172
105
65
22
350
270
120
60
10
(160)
(55)
(23)
(450)
(135)
(80)
(30)
(800)
(330)
(100)
(55)
(36)
(250)
(160)
(106)
(30)
(950)
(230)
(140)
(87)
(30)
(450)
(290)
(160)
(80)
(14)
150
50
30
220
65
45
20
375
140
55
30
25
105
65
40
15
270
95
50
30
10
140
85
50
20
6
ø17 10
ø18 11
ø18 10
ø21 11
ø22 12
ø22 12
ø23 13
ø26 12
ø26 13
ø26 12
ø26 13
ø27 13
ø32 14
ø33 16
ø34 18
ø34 16
ø34 19
ø34 19
ø34 20
ø34 18
ø34 20
ø39 19
ø40 19
ø40 21
ø41 20
ø42 20
0.5
0.7
0.8
0.5
0.7
0.8
1.0
0.5
0.7
0.8
1.0
1.2
0.8
1.0
1.2
1.1 2 P
0.7
0.8
1.0
1.2
1.6
0.8
1.0
1.2
1.6
1.8 2 P
min. at Idc=Rated *
(μH) at 100kHz
Inductance L
External dimensions
(mm) max.
Solder-plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com