Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-02-RTF Datasheet(PDF) 15 Page - NEC

Part # B-02-RTF
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-02-RTF Datasheet(HTML) 15 Page - NEC

Back Button B-02-RTF Datasheet HTML 11Page - NEC B-02-RTF Datasheet HTML 12Page - NEC B-02-RTF Datasheet HTML 13Page - NEC B-02-RTF Datasheet HTML 14Page - NEC B-02-RTF Datasheet HTML 15Page - NEC B-02-RTF Datasheet HTML 16Page - NEC B-02-RTF Datasheet HTML 17Page - NEC B-02-RTF Datasheet HTML 18Page - NEC B-02-RTF Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
5K
1K
100
500
10
50
03C
03C1
08C2
08C2A
05N1
07C1
1
5
10
50
100
500
Frequency (MHz)
Impedance vs. Frequency
DIP Type
Common Mode Signal Line
15
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com