Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3422 Datasheet(PDF) 53 Page - ams AG

Part # AS3422
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3422 Datasheet(HTML) 53 Page - ams AG

Back Button AS3422 Datasheet HTML 49Page - ams AG AS3422 Datasheet HTML 50Page - ams AG AS3422 Datasheet HTML 51Page - ams AG AS3422 Datasheet HTML 52Page - ams AG AS3422 Datasheet HTML 53Page - ams AG AS3422 Datasheet HTML 54Page - ams AG AS3422 Datasheet HTML 55Page - ams AG AS3422 Datasheet HTML 56Page - ams AG AS3422 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
53 - 61
AS3421 AS3422
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
The layout examples showed in the examples before are based on AS3422. The AS3421 has of course a smaller package than AS3422,
therefore the alignment of the charge pump components is different. A layout recommendation for AS3421 is shown in Figure 45 below.
Figure 45. AS3421 CP Layout Recommendation
11.4 Bill of Materials
The following section shows the Bill of Materials which is necessary to operate the device. The necessary R-C filter networks which are
necessary for gain- and phase compensation are excluded. These components very much depend on the acoustic design of each headset. Both
devices basically need 17 external component for standard operation without the necessary filter components. The reference designator of the
components shown in Table 39 refer to the schematics shown in Figure 37 and Figure 41.
Table 39. AS3421/22 Bill of Materials
POS
Reference
Value/Name
Description
Count
1
U1
AS3421
Stereo Bluetooth ANC headphone driver circuit
1
2
U2
AS1363-AD
Low Drop Voltage Regulator
1
3
C3, C15
1 F
Charge Pump flying capacitor; +/- 10% tolerance and LDO support
2
4
C1, C6
100nF
PMU Blocking capacitors; +/- 10% tolerance
2
5
C7, C8, C9, C10
220nF
Audio DC coupling capacitors; +/- 10% tolerance
4
6
C13
10 F
Microphone supply filter capacitor; +/- 10% tolerance
1
7
C12, C14
4.7uF
Microphone DC coupling capacitors; +/-5% tolerance
2
8
R5, R6
2k2
Microphone bias resistors; +/- 5%tolerance
2
9
C2, C5
10 F
PMU Blocking capacitors; +/- 10% tolerance
2
10
R7
15k
Voltage Regulator feedback resistor
1
11
R8
47k
Voltage Regulator feedback resistor
1
12
R3, R4
10k
Two wire interface pull up resistors; +/- 10% tolerance
2
Sum
21
VIA connection to analog
round plane (AGND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com