Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-03-R Datasheet(PDF) 14 Page - NEC

Part # B-03-R
Description  DC Line Fileters
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-03-R Datasheet(HTML) 14 Page - NEC

Back Button B-03-R Datasheet HTML 10Page - NEC B-03-R Datasheet HTML 11Page - NEC B-03-R Datasheet HTML 12Page - NEC B-03-R Datasheet HTML 13Page - NEC B-03-R Datasheet HTML 14Page - NEC B-03-R Datasheet HTML 15Page - NEC B-03-R Datasheet HTML 16Page - NEC B-03-R Datasheet HTML 17Page - NEC B-03-R Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
DIP Type
Common Mode Signal Line
14
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Noise Filters
D-03C, 03C1, 05N1, 07C1, 08C2, 08C2A
[RoHS Compliant]
DIP Noise Filters
D-03C, 03C1, 05N1, 07C1, 08C2, 08C2A
[RoHS Compliant]
D-03C
4 cores
16P/2 circuits x 4
50
150
75
–20 to +70
D-03C1
Common mode
100
150
–20 to +70
D-05N1
8 cores
16P/8 circuits
50
100
10
–20 to +70
Normal mode
D-07C1
1 core
16P/8 circuits
50
300
100
–20 to +70
Common mode
D-08C2
1 core
8P/4 circuits
50
2300
25
–20 to +70
Common mode
D-08C2A
1 core
8P/4 circuits
50
500
70
–25 to +65
Common mode
Number of
Rated voltage
Rated current
DC resistance
Operating
Model
Circuit diagram
temperature range
terminals/Circuits
DC (V)
DC (mA/Line)
(m /Line) max.
(˚C)
1
2
7
8
16
15
10
9
2
1
2
8
16
15
9
1
2
8
16
15
9
1
2
8
7
3
4
6
5
1
2
8
7
3
4
6
5
• Withstanding voltage: 200VDC (one minute, between lines)
• Insulation resistance: more than 10M
(100VDC, between lines)
bD-03C, 03C1
12.5 max.
R2 0.2
8.0 max.
(0.5)
4.0min.
ø0.6
7.62±0.25
bD-05N1
12.5 max.
9.0 max.
2.85±0.5
ø0.6
7.62±0.25
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
(0.5)
bD-08C2A
bD-08C2
bD-07C1
25.5 max.
R2 0.2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ø0.6
20.32±0.25
10 max.
(0.5)
4.0min.
21max.
5.0±0.5
12 max.
ø0.7
7.0±0.5
21 max.
5.0±0.5
16 max.
ø0.7
7.0±0.5
Shape and Dimensions
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com